Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M51008KR-55H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M51008KR-55H
Description  1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M51008KR-55H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M51008KR-55H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M51008KR-55H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M51008KR-55H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M51008KR-55H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M51008KR-55H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M51008KR-55H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M51008KR-55H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MITSUBISHI LSIs
M5M51008CP,FP,VP,RV,KV,KR -55H, -70H,
-55X, -70X
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
NC : NO CONNECTION
DESCRIPTION
FEATURES
Type name
Access
time
(max)
Active
(max)
stand-by
(max)
Power supply current
The M5M51008CP,FP,VP,RV,KV,KR are a 1048576-bit CMOS
static RAM organized as 131072 word by 8-bit which are
fabricated
using
high-performance
quadruple-polysilicon
and
double metal CMOS technology. The use of thin film transistor
(TFT) load cells and CMOS periphery result in a high density and
low power static RAM.
They are low standby current and low operation current and ideal
for the battery back-up application.
The M5M51008CVP,RV,KV,KR are packaged in a 32-pin thin
small outline package which is a high reliability and high density
surface mount device(SMD). Two types of devices are available.
M5M51008CVP,KV(normal lead bend type package),
M5M51008CRV,KR(reverse lead bend type package).Using both
types of devices, it becomes very easy to design a printed circuit
board.
Package
APPLICATION
Small capacity memory units
Low stand-by current 0.1µA (typ.)
Directly TTL compatible : All inputs and outputs
Easy memory expansion and power down by S1,S2
Data hold on +2V power supply
Three-state outputs : OR - tie capability
OE prevents data contention in the I/O bus
Common data I/O
M5M51008CP,FP,VP,RV,KV,KR-55H
8µA
55ns
15mA
70ns
55ns
20µA
(1MHz)
M5M51008CP
············ 32pin 600mil
DIP
M5M51008CFP
············ 32pin 525mil
SOP
M5M51008CVP,RV ············ 32pin 8 X 20 mm
TSOP
M5M51008CKV,KR ············ 32pin 8 X 13.4 mm
TSOP
1
M5M51008CP,FP,VP,RV,KV,KR-70H
M5M51008CP,FP,VP,RV,KV,KR-55X
2
2
16
15
14
13
1
12
11
10
9
8
7
6
5
4
3
2
PIN CONFIGURATION (TOP VIEW)
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
DQ3
GND
VCC
A15
S2
W
A13
A8
A9
A11
OE
A10
S1
DQ8
DQ7
DQ6
DQ5
DQ4
A11
A9
A8
A13
W
S2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
OE
A10
S1
DQ8
DQ7
DQ6
DQ5
DQ4
GND
DQ3
DQ2
DQ1
A0
A1
A2
A3
A4
A5
A6
A7
A11
A2
A0
OE
A1
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
17
18
19
20
32
M5M51008CVP,KV
A14
A16
NC
VCC
A15
S2
W
A13
A8
A9
DQ1
DQ2
DQ3
GND
DQ4
DQ5
DQ6
DQ7
DQ8
S1
A10
A12
21
22
23
24
25
26
27
28
29
30
31
Outline 32P4(P), 32P2M-A(FP)
Outline 32P3H-E(VP), 32P3K-B(KV)
ADDRESS
INPUT
CHIP SELECT
INPUT
WRITE CONTROL
INPUT
ADDRESS
INPUTS
OUTPUT ENABLE
INPUT
ADDRESS
INPUT
CHIP SELECT
INPUT
DATA
INPUTS/
OUTPUTS
ADDRESS
INPUTS
DATA
INPUTS/
OUTPUTS
M5M51008CRV,KR
Outline 32P3H-F(RV), 32P3K-C(KR)
70ns
M5M51008CP,FP,VP,RV,KV,KR-70X
(Vcc=5.5V)
(1MHz)
(Vcc=5.5V)
0.1µA
(Vcc=3.0V typ)


Similar Part No. - M5M51008KR-55H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VL MITSUBISHI-M5M51008BFP-10VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VLL MITSUBISHI-M5M51008BFP-10VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VL MITSUBISHI-M5M51008BFP-12VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VLL MITSUBISHI-M5M51008BFP-12VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results

Similar Description - M5M51008KR-55H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com