Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L1713CTL-LB3 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M368L1713CTL-LB3
Description  128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L1713CTL-LB3 Datasheet(HTML) 5 Page - Samsung semiconductor

  M368L1713CTL-LB3 Datasheet HTML 1Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 2Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 3Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 4Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 5Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 6Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 7Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 8Page - Samsung semiconductor M368L1713CTL-LB3 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
184pin Unbuffered DDR SDRAM MODULE
M368L1713CTL
Rev. 0.3 May. 2002
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDD
-1.0 ~ 3.6
V
Voltage on VDDQ supply relative to Vss
VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
12
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
POWER & DC OPERATING CONDITIONS (SSTL_2 In/Out)
Notes 1. Includes
± 25mV margin for DC offset on VREF, and a combined total of± 50mV margin for all AC noise and DC offset on V REF,
bandwidth limited to 20MHz. The DRAM must accommodate DRAM current spikes on V REF and internal DRAM noise coupled
TO VREF, both of which may result in V REF noise. VREF should be de-coupled with an inductance of
≤ 3nH.
2.VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of V REF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in
simulation. The AC and DC input specifications are relative to a VREF envelop that has been bandwidth limited to 200MHZ.
5. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the dc level of the same.
6. These charactericteristics obey the SSTL-2 class II standards.
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 70
°C)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal V DD of 2.5V)
VDD
2.3
2.7
I/O Supply voltage
VDDQ
2.3
2.7
V
I/O Reference voltage
VREF
VDDQ/2-50mV
VDDQ/2+50mV
V
1
I/O Termination voltage(system)
VTT
VREF-0.04
VREF+0.04
V
2
Input logic high voltage
VIH(DC)
VREF+0.15
VDDQ +0.3
V
4
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
4
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ +0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.3
VDDQ +0.6
V
3
Input crossing point voltage, CK and CK inputs
VIX(DC)
1.15
1.35
V
5
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current(Normal strengh driver)
;VOUT = VTT + 0.84V
IOH
-16.8
mA
Output High Current(Normal strengh driver)
;VOUT = VTT - 0.84V
IOL
16.8
mA
Output High Current(Half strengh driver)
;VOUT = VTT + 0.45V
IOH
-9
mA
Output High Current(Half strengh driver)
;VOUT = VTT - 0.45V
IOL
9
mA


Similar Part No. - M368L1713CTL-LB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLA2 SAMSUNG-M368L1624DTL-CLA2 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB0 SAMSUNG-M368L1624DTL-CLB0 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTL-CLB3 SAMSUNG-M368L1624DTL-CLB3 Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
M368L1624DTM SAMSUNG-M368L1624DTM Datasheet
354Kb / 22P
   184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
More results

Similar Description - M368L1713CTL-LB3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M470L1714BT0 SAMSUNG-M470L1714BT0 Datasheet
141Kb / 14P
   128MB DDR SDRAM MODULE(16Mx64 based on 8Mx16 DDR SDRAM)
M368L1624DTL SAMSUNG-M368L1624DTL Datasheet
81Kb / 12P
   16Mx64 DDR SDRAM 184pin DIMM based on 16Mx16
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Hanbit Electronics Co.,...
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M368L3313DTL SAMSUNG-M368L3313DTL Datasheet
87Kb / 12P
   256MB DDR SDRAM MODULE (32Mx64(16Mx64*2 bank) based on 16Mx8 DDR SDRAM)
logo
Elpida Memory
EBD12UB8ALF ELPIDA-EBD12UB8ALF Datasheet
167Kb / 16P
   128MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
logo
Samsung semiconductor
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com