Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21XXX Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # BLM21XXX
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21XXX Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  BLM21XXX Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21XXX Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
Continued from the preceding page.
Continued on the following page.
0603
0805
For High Speed Signal
(Sharp impedance characteristics)
For Digital Interface
For Large Current
For Standard
GHz Range
For Standard
For High Speed
Signal
For Digital
Interface
For Standard
(Low DC
Resistance Type)
150
±25%
220
±25%
330
±25%
420
±25%
470
±25%
600
±25%
1000
±25%
1500
±25%
1800
±25%
2200
±25%
2500
±25%
120
±25%
220
±25%
470
±25%
600
±25%
1000
±25%
30 (Typ.)
33
±25%
60 (Typ.)
120
±25%
180
±25%
470
±25%
600
±25%
1000
±25%
120
±25%
220
±25%
330
±25%
470
±25%
600
±25%
1000
±25%
330
±25%
470
±25%
600
±25%
1000
±25%
100
±25%
120
±25%
220
±25%
330
±25%
390
±25%
470
±25%
600
±25%
470
±25%
120
±25%
150
±25%
220
±25%
330
±25%
470
±25%
600
±25%
1000
±25%
200
50
200
200
100
50
200
1000
3000*
500
2000*
1500*
200
100
200
100
50
100
50
200
100
50
2000*
2000*
1000
500
500
500
500
100
200
BLM18BB151SN1
BLM18BD151SN1
BLM18BB221SN1
BLM18BD221SN1
BLM18BB331SN1
BLM18BD331SN1
BLM18BD421SN1
BLM18BB471SN1
BLM18BD471SN1
BLM18BD601SN1
BLM18BD102SN1
BLM18BD152SN1
BLM18BD182SN1
BLM18BD222SN1
BLM18BD252SN1
BLM18RK121SN1
BLM18RK221SN1
BLM18RK471SN1
BLM18RK601SN1
BLM18RK102SN1
BLM18PG300SN1
BLM18PG330SN1
BLM18PG600SN1
BLM18PG121SN1
BLM18PG181SN1
BLM18HG471SN1
BLM18HG601SN1
BLM18HG102SN1
BLM18HB121SN1
BLM18HB221SN1
BLM18HB331SN1
BLM18HD471SN1
BLM18HD601SN1
BLM18HD102SN1
BLM18HK331SN1
BLM18HK471SN1
BLM18HK601SN1
BLM18HK102SN1
BLM18EG101TN1
BLM18EG121SN1
BLM18EG221TN1
BLM18EG331TN1
BLM18EG391TN1
BLM18EG471SN1
BLM18EG601SN1
BLM18GG471SN1
BLM21AG121SN1
BLM21AG151SN1
BLM21AG221SN1
BLM21AG331SN1
BLM21AG471SN1
BLM21AG601SN1
BLM21AG102SN1
Type
Size (EIA Code)
at 100MHz
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
600 (Typ.)
700 (Typ.)
1000 (Typ.)
500
±40%
1100
±40%
1600
±40%
1000 (Typ.)
1200 (Typ.)
1700 (Typ.)
400
±40%
600
±40%
700
±40%
1200
±40%
140 (Typ.)
145 (Typ.)
300 (Typ.)
450 (Typ.)
520 (Typ.)
550 (Typ.)
700 (Typ.)
1800
±30%
-
-
-
-
-
-
-
at 1GHz
Impedance (
Ω)
Rated Current (mA)
Part Number
* Please see P.53 "Derating of Rated Current".
17
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - BLM21XXX

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21 MURATA1-BLM21 Datasheet
120Kb / 8P
   BLM21 Series (2012 Size)
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
logo
Murata Manufacturing Co...
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
   Chip Ferrite Bead
BLM21A MURATA-BLM21A Datasheet
112Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
BLM21A MURATA-BLM21A Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
More results

Similar Description - BLM21XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com