Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD23C32340GZ-XXX-MJH Datasheet(PDF) 8 Page - NEC

Part # UPD23C32340GZ-XXX-MJH
Description  32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD23C32340GZ-XXX-MJH Datasheet(HTML) 8 Page - NEC

Back Button UPD23C32340GZ-XXX-MJH Datasheet HTML 4Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 5Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 6Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 7Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 8Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 9Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 10Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 11Page - NEC UPD23C32340GZ-XXX-MJH Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
µµµµPD23C32340, 23C32380
Data Sheet M15711EJ2V0DS
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.3 to +4.6
V
Input voltage
VI
–0.3 to VCC+0.3
V
Output voltage
VO
–0.3 to VCC+0.3
V
Operating ambient temperature
TA
–10 to +70
°C
Storage temperature
Tstg
–65 to +150
°C
Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Capacitance (TA = 25 °C)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CI
f = 1 MHz
10
pF
Output capacitance
CO
12
pF
DC Characteristics (TA = –10 to +70 °C, VCC = 2.7 to 3.6 V)
Parameter
Symbol
Test conditions
MIN.
TYP.
MAX.
Unit
High level input voltage
VIH
2.0
VCC + 0.3
V
Low level input voltage
VIL
–0.3
+0.5
V
High level output voltage
VOH
IOH = –100
µA2.4
V
Low level output voltage
VOL
IOL = 2.1 mA
0.4
V
Input leakage current
ILI
VI = 0 V to VCC
–10
+10
µA
Output leakage current
ILO
VO = 0 V to VCC, Chip deselected
–10
+10
µA
Power supply current
ICC1
/CE = VIL (Active mode),
µPD23C32340
40
mA
IO = 0 mA
µPD23C32380
55
Standby current
ICC3
/CE = VCC – 0
.2 V (Standby mode)
30
µA


Similar Part No. - UPD23C32340GZ-XXX-MJH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD23C32340GZ-XXX-MJH RENESAS-UPD23C32340GZ-XXX-MJH Datasheet
583Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
UPD23C32340GZ-XXX-MJH-A RENESAS-UPD23C32340GZ-XXX-MJH-A Datasheet
583Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD23C32340GZ-XXX-MJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32000AL NEC-UPD23C32000AL Datasheet
259Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16340 NEC-UPD23C16340 Datasheet
257Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C128040BL NEC-UPD23C128040BL Datasheet
266Kb / 24P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com