Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFE61PT472C1H9 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NFE61PT472C1H9
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFE61PT472C1H9 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NFE61PT472C1H9 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFE61PT472C1H9 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
19
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
On-Board Type (DC) EMI Suppression Filters (EMIFILr)
Chip Ferrite Beads BLM03/BLM15/BLM18/BLM21/BLM31/BLM41 Series
s Features (BLM_A Series)
The chip ferrite bead BLM series comprises ferrite
beads in the shape of a chip. This ferrite bead
generates a high impedance which at high frequency
mainly consists of a resistance element. The BLM
series is effective in circuits without stable ground
lines because the BLM series does not need a
connection to ground.
The nickel barrier structure of the external
electrodes provides excellent solder heat resistance.
BLM_A series generates an impedance from the
relatively low frequencies. Therefore BLM_A series is
effective in noise suppression in a wide frequency
range (30MHz - several hundred MHz).
The small size of BLM03 series (0.6x0.3mm) is
suitable for noise suppression in small equipment such
as PA modules for cellular phones.
s Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
BLM03A Series (0201 Size)
(in mm)
0.6
±0.03
0.3
±0.03
0.15
±0.05
: electrode
Part Number
Impedance
(at 100MHz/20
°C)
(ohm)
Rated Current
(mA)
DC Resistance (max.)
(ohm)
Operating
Temperature Range
(
°C)
BLM03AG100SN1
10 (Typ.)
500
0.1
-55 to +125
BLM03AG700SN1
70 (Typ.)
200
0.5
-55 to +125
BLM03AG121SN1
120
±25%
200
0.8
-55 to +125
BLM03AG241SN1
240
±25%
100
1.0
-55 to +125
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - NFE61PT472C1H9

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFE61PT472C1H9 MURATA-NFE61PT472C1H9 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
NFE61PT472C1H9 MURATA-NFE61PT472C1H9 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
logo
Murata Manufacturing Co...
NFE61PT472C1H9 MURATA1-NFE61PT472C1H9 Datasheet
313Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT472C1H9B MURATA1-NFE61PT472C1H9B Datasheet
313Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
NFE61PT472C1H9K MURATA1-NFE61PT472C1H9K Datasheet
313Kb / 3P
   The chip EMIFIL NFE61PT is a T-type circuit EMI suppression filter.
Last updated07/22/2022
More results

Similar Description - NFE61PT472C1H9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com