Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD23C16000BLGY-MKH Datasheet(PDF) 10 Page - NEC

Part # UPD23C16000BLGY-MKH
Description  16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD23C16000BLGY-MKH Datasheet(HTML) 10 Page - NEC

Back Button UPD23C16000BLGY-MKH Datasheet HTML 6Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 7Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 8Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 9Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 10Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 11Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 12Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 13Page - NEC UPD23C16000BLGY-MKH Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
µµµµPD23C16000BL
Data Sheet M15696EJ4V0DS
Cautions on power application
To ensure normal operation, always apply power using /CE following the procedure shown below.
1) Input a high level to /CE during and after power application.
2) Hold the high level input to /CE for 200 ns or longer (wait time).
3) Start normal operation after the wait time has elapsed.
Power Application Timing Chart 1 (When /CE is made high at power application)
Wait time
200 ns or longer
Normal operation
/CE (Input)
VCC
Power Application Timing Chart 2 (When /CE is made high after power application)
Wait time
200 ns or longer
Normal operation
/CE (Input)
VCC
Caution Other signals can be either high or low during the wait time.


Similar Part No. - UPD23C16000BLGY-MKH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD23C16000BLGY-XXX-MJH RENESAS-UPD23C16000BLGY-XXX-MJH Datasheet
284Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
UPD23C16000BLGY-XXX-MJH-A RENESAS-UPD23C16000BLGY-XXX-MJH-A Datasheet
284Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
UPD23C16000BLGY-XXX-MKH RENESAS-UPD23C16000BLGY-XXX-MKH Datasheet
284Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
UPD23C16000BLGY-XXX-MKH-A RENESAS-UPD23C16000BLGY-XXX-MKH-A Datasheet
284Kb / 22P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD23C16000BLGY-MKH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16340 NEC-UPD23C16340 Datasheet
257Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C128000BL NEC-UPD23C128000BL Datasheet
253Kb / 20P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C32000AL NEC-UPD23C32000AL Datasheet
259Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
UPD23C128040BL NEC-UPD23C128040BL Datasheet
266Kb / 24P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com