Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC2905AT-E2 Datasheet(PDF) 4 Page - NEC

Part # PC2905AT-E2
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC2905AT-E2 Datasheet(HTML) 4 Page - NEC

  PC2905AT-E2 Datasheet HTML 1Page - NEC PC2905AT-E2 Datasheet HTML 2Page - NEC PC2905AT-E2 Datasheet HTML 3Page - NEC PC2905AT-E2 Datasheet HTML 4Page - NEC PC2905AT-E2 Datasheet HTML 5Page - NEC PC2905AT-E2 Datasheet HTML 6Page - NEC PC2905AT-E2 Datasheet HTML 7Page - NEC PC2905AT-E2 Datasheet HTML 8Page - NEC PC2905AT-E2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet G15368EJ1V0DS
4
µµµµPC29M33A,µµµµPC29M05A
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Rating
Parameter
Symbol
µ PC29M33AHF,
µ PC29M05AHF
µPC29M33AHB, µPC29M05AHB
µPC29M33AT, µPC29M05AT
Unit
Input Voltage
VIN
20
V
Internal Power Dissipation
Note
(TC = 25
°C)
PT
15
10
W
Operating Ambient Temperature
TA
–30 to +85
°C
Operating Junction Temperature
TJ
–30 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
7
12.5
°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
65
125
°C/W
Note Internally limited. When the operating junction temperature rises over 150
°C, the internal circuit shuts down the
output voltage.
Caution If the absolute maximum rating of any of the above parameters is exceeded even momentarily, the
quality of the product may be degraded. In other words, absolute maximum ratings specify the
values exceeding which the product may be physically damaged. Be sure to use the product with
these ratings never exceeded.
STANDARD CONNECTION
D1
INPUT
COUT
CIN
D2
+
PC29M33A, PC29M05A
OUTPUT
CIN: 0.1
µF or higher. Set this value according to the length of the line between the regulator and INPUT pin. Be sure
to connect CIN to prevent parasitic oscillation. Use of a film capacitor or other capacitor with excellent voltage and
temperature characteristics is recommended. If using a laminated ceramic capacitor, it is necessary to ensure
that CIN is 0.1
µF or higher for the voltage and temperature range to be used.
COUT: 47
µF or higher. Be sure to connect COUT to prevent oscillation and improve excessive load regulation. Place
CIN and COUT as close as possible to the IC pins (within 2 cm). Also, use an electrolytic capacitor with low
impedance characteristics if considering use at sub-zero temperatures.
D1: If the OUTPUT pin has a higher voltage than the INPUT pin, connect a diode.
D2: If the OUTPUT pin has a lower voltage than the GND pin, connect a Schottky barrier diode.
Caution Make sure that no voltage is applied to the OUTPUT pin from external.


Similar Part No. - PC2905AT-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
logo
List of Unclassifed Man...
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
More results

Similar Description - PC2905AT-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com