Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2905AHF Datasheet(PDF) 8 Page - NEC

Part # UPC2905AHF
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2905AHF Datasheet(HTML) 8 Page - NEC

Back Button UPC2905AHF Datasheet HTML 4Page - NEC UPC2905AHF Datasheet HTML 5Page - NEC UPC2905AHF Datasheet HTML 6Page - NEC UPC2905AHF Datasheet HTML 7Page - NEC UPC2905AHF Datasheet HTML 8Page - NEC UPC2905AHF Datasheet HTML 9Page - NEC UPC2905AHF Datasheet HTML 10Page - NEC UPC2905AHF Datasheet HTML 11Page - NEC UPC2905AHF Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet G15374EJ2V0DS
8
µµµµPC2933A, 2905A
1.0
0.8
0.6
0.4
0.2
0
-25
+125
0
+150
+75
VDIF vs.TJ
+100
+50
+25
PC2905A
PC2933A
I O = 1.0 A
TJ
Operating Junction Temperature - ˚C
3
2
1
0
0
20
DIF
IO peak vs. VDIF
PC2933A
10
15
5
TJ = 125˚C
TJ = 25˚C
TJ = 0˚C
- Dropout Voltage - V
V
m
3
2
1
0
0
20
vs.V
IO peak
DIF
PC2905A
10
15
TJ = 125˚C
TJ = 25˚C
TJ = 0˚C
VDIF
- Dropout Voltage - V
R
R vs. f
80
70
0
100
1 k
10 k
100 k
f - Frequency - Hz
60
50
40
30
20
10
TJ = 25˚C
I O = 1 A
PC2933A
PC2905A
4.3 V
VIN
16 V
6 V
VIN
16 V ( PC2905A)
( PC2933A)
R
R vs. IO
80
70
30
0.2
0.4
0.6
1.0
0.8
0
60
50
40
PC2933A
PC2905A
O
- Output Current - A
I
f = 120 Hz
TJ = 25˚C
4.3 V
VIN
16 V
6 V
VIN
16 V ( PC2905A)
( PC2933A)
VDIF vs. IO
1.0
0
0.2
0.4
0.6
1.0
IO - Output Current - A
0.8
0.6
0.4
0.2
0
0.8
PC2905A
PC2933A
TJ = 25˚C


Similar Part No. - UPC2905AHF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2905AHF RENESAS-UPC2905AHF Datasheet
353Kb / 14P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Mar 16, 2011
More results

Similar Description - UPC2905AHF

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com