Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYMF2CAXX Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # EYMF2CAXX
Description  Buletooth Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EYMF2CAXX Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  EYMF2CAXX Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
•The module is a Max.4dBm( Class2 ) module.
•Bluetooth® standard Ver1.1 conformity.
•Internal baseband clock oscillator.
•Internal 1.8V regulator
•Low current consumption
•Support functions
Serial Port Emulation (Point-To-Point)
• Interface: UART
• Protocol Stack/Profile (L2CAP,RFCOMM,SDP,GAP,SPP)
•Small outline.
15.4 x 10 x 2.0 mm
Bluetooth® Module
Simple Cable Replacement
TAIYO YUDEN
Features
Outline
• POS,Barcode Reader,FA equipments
Applications
Jun./2003 Ver.1.1
EYSF2CA**-**
General Electrical Specification
mA
-
TBD
Receive DM1 Packet
Average Current Consumption
V
3.60
3.30
3.00
Operating Voltage (VDD_PIO)
V
VDD_PIO+0.30
-
0.70VDD_PIO
RESET, UART, GPIO
Input High Voltage
V
0.40
-
-
UART, GPIO
Output Low Voltage
V
-
-
VDD_PIO-0.40
UART, GPIO
Output High Voltage
V
0.80
-
-0.30
RESET, UART, GPIO
Input Low Voltage
-
5:1
No abnormal Oscillation
Load Impedance
dBm
-70
-83
RX Sensitivity
dBm
4
0
-6
measured in 50 ohm
RF Output Power
V
3.60
3.30
3.00
Operating Voltage (VDD_MEM)
GHz
2.480
2.402
Carrier Frequency
Units
Max.
Typ.
Min.
Description
Parameter
Block Diagram
2.2
1x11
2.2
15.4
Unit: mm
RFCOMM
L2CAP
SDP
LMP
LED, Baudrate, Role, Op Mode
UART
Balun
I/O
Flash
Memory
Xtal
Loop Filter
RF + BB
B.P.F
VDD_PIO
UART(4)
SPI(4)
LED(2)
Operation Mode
VDD_MEM
GND(6)
Baud Rate(3)
Role
RESET
Regulator
RF_IN-OUT
Note:The above PRELIMINARY data are not guaranteed,and are subject to change without notice.
The Bluetooth® word mark and logos are owned by the Bluetooth SIG, Inc. and any use of such marks
by TAIYO YUDEN CO.,LTD. is under license.


Similar Description - EYMF2CAXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com