Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-CB53RD Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # BS-CB53RD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BS-CB53RD Datasheet(HTML) 2 Page - Yellow Stone Corp

  BS-CB53RD Datasheet HTML 1Page - Yellow Stone Corp BS-CB53RD Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD-49
BS-A
CB3xRD
SD-50
BF-A
CB3xRD
SD-51
BS-A
CB4xRD
SD-52
BS-A
CB5xRD
SD-53
BS-A
CB0xRD
SD-54
BF-A
CB0xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
6
B
A
7
4
C D
3
E
2
1,5
10
F
9
G
8
DP
DP
10B
21.10(.831)
44.10(1.736)
40.64(1.600)
8.80(.346)
3.00(.118) MIN.
2.54(.100)
E0.50(.020)
30.60(1.205)
E4.5(.177)
+
38.00(1.500)
D
A
B
C
E
F G
PIN 1.
DP
8
7
A
2
1,5
3
D
C
4
B
6
G
9
F
10
E
BS-AB3xRD
BS-CB3xRD
PIN 1.
8B
46.90(1.846)
3.00(.118)
12.50(.492)
E0.50(.020)
2.54(.100)
2,6
8
A
5
C
7
B
D
4
1
G
3
E
10
F
DP
9
33.10(1.303)
+
MIN.
E
D
E4.5(.177)
F
A
G
DP
C
B
40.64(1.600)
38.00(1.500)
21.70(.854)
A
8
B
7
C
5
F
10
E
3
4
D
9
DP
G
1
2,6
BS-AB4xRD
BS-CB4xRD
1,5
B
6
A
7
3
C
4
DE
2
G
F
910
DP
8
DP
46.90(1.846)
40.64(1.600)
12.50(.492)
3.00(.118) MIN.
2.54(.100)
E0.50(.020)
8B
21.70(.854)
E4.5(.177)
A
F
G
B
E
D
C
38.00(1.500)
33.10(1.303)
PIN 1.
+
4
C
7
A
6
B
9
F
2
E
D
3
8
DP
10
G
1,5
BS-AB5xRD
BS-CB5xRD
BS-CB0xRD
10.90(.429)
0.50(.020)
3.00(.118)
BS-AB0xRD
2.54(.100)
4
63
7
A B C D
1,5
10
9
28
F
E
G DP
64
7
B
A
C
MIN.
E
37.80(1.488)
10B
26.00(1.024)
44.80(1.764)
PIN 1.
+
55.80(2.197)
E4.5(.177)
F
10.90(.429)
B
3.00(.118)
BF-AB0xRD
DP
8
29
310
D E
G
F
DP
1,5
DP
D
C
64
9
10
1
B
G
C
H J
E0.50(.020)
2.54(.100)
3,8
BF-CB0xRD
5
NC: 2,7.
610
49
C
B
G H
3,8
MIN.
G
J
15
NC: 2,7.
DP
J
DP
C
26.00(1.024)
37.80(1.488)
10B
44.80(1.764)
48.26(1.900)
G
A
B
PIN 1.
+
48.26(1.900)
55.80(2.197)
E4.5(.177)
H
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-CB53RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BS-CB5EGRD YSTONE-BS-CB5EGRD Datasheet
120Kb / 1P
   MULTI-COLOR LED DISPLAYS
logo
BRIGHT LED ELECTRONICS ...
BS-CB5EGRD BRIGHT-BS-CB5EGRD Datasheet
299Kb / 3P
   38.00mm (1.50) high single digit seven segments display
More results

Similar Description - BS-CB53RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-A561RD YSTONE-BS-A561RD Datasheet
189Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com