Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC3025TJ Datasheet(PDF) 10 Page - NEC

Part # UPC3025TJ
Description  LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3025TJ Datasheet(HTML) 10 Page - NEC

Back Button UPC3025TJ Datasheet HTML 4Page - NEC UPC3025TJ Datasheet HTML 5Page - NEC UPC3025TJ Datasheet HTML 6Page - NEC UPC3025TJ Datasheet HTML 7Page - NEC UPC3025TJ Datasheet HTML 8Page - NEC UPC3025TJ Datasheet HTML 9Page - NEC UPC3025TJ Datasheet HTML 10Page - NEC UPC3025TJ Datasheet HTML 11Page - NEC UPC3025TJ Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet G15506EJ2V0DS
10
µµµµPC3018, 3025
RECOMMENDED SOLDERING CONDITIONS
The
µPC3018, 3025 should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact our sales representative.
Type of Surface Mount Device
µµµµPC3018TJ, µµµµPC3025TJ: MP-3Z (5 pin)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 235°C,
Reflow time: 30 seconds or less (at 210°C or higher),
Maximum number of reflow processes: 3 times or less.
IR35-00-3
Vapor Phase Soldering
Peak temperature: 215°C,
Reflow time: 40 seconds or less (at 200°C or higher),
Maximum number of reflow processes: 3 times or less.
VP15-00-3
Wave Soldering
Solder temperature: 260°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120°C MAX. (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
Remark It is recommended to use a rosin-type flux with a low chlorine element (chlorine: 0.2 Wt% or less).
Type of Through-hole Device
µµµµPC3018HB, µµµµPC3025HB: MP-3 (5 pin)
Process
Conditions
Wave Soldering
(only to leads)
Solder temperature: 260°C or below,
Flow time: 10 seconds or less
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each pin).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure that
the package body does not get jet soldered.


Similar Part No. - UPC3025TJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3025TJ RENESAS-UPC3025TJ Datasheet
247Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC3025TJ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
   Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
Sparkle Power Inc.
SPI150FA SPI-SPI150FA Datasheet
53Kb / 1P
   150 Watts FLEX ATX Power Supply Remote ON/OFF function
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
logo
Sharp Corporation
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
   Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
   3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com