Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1945TA Datasheet(PDF) 3 Page - NEC

Part # UPC1945TA
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1945TA Datasheet(HTML) 3 Page - NEC

  UPC1945TA Datasheet HTML 1Page - NEC UPC1945TA Datasheet HTML 2Page - NEC UPC1945TA Datasheet HTML 3Page - NEC UPC1945TA Datasheet HTML 4Page - NEC UPC1945TA Datasheet HTML 5Page - NEC UPC1945TA Datasheet HTML 6Page - NEC UPC1945TA Datasheet HTML 7Page - NEC UPC1945TA Datasheet HTML 8Page - NEC UPC1945TA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet G14875EJ2V0DS
3
µPC1945
STANDARD CONNECTION
CKA
VCC
R1
VIN
VOUT
VOUT
1
+
R2
R1
GND
R0
R2
REF
A
K
× VREF
Note
Note
CKA = 100 pF minimum. Connect to prevent oscillation.
Caution Supply K (Cathode) and VCC from the same power supply.
Remark The
µPC1945 is represented by the following symbol in this data sheet.
REF
VCC
A
K
APPLICATION CIRCUIT EXAMPLE
CKA
VCC
VO
+
VO
REF
A
K
photocoupler
Input to control IC


Similar Part No. - UPC1945TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1945TA RENESAS-UPC1945TA Datasheet
296Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC1945TA-E1 RENESAS-UPC1945TA-E1 Datasheet
296Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC1945TA-E2 RENESAS-UPC1945TA-E2 Datasheet
296Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results

Similar Description - UPC1945TA

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com