Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5509 Datasheet(PDF) 10 Page - NEC

Part # 2SC5509
Description  NPN SILICON RF TRANSISTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5509 Datasheet(HTML) 10 Page - NEC

Back Button 2SC5509 Datasheet HTML 6Page - NEC 2SC5509 Datasheet HTML 7Page - NEC 2SC5509 Datasheet HTML 8Page - NEC 2SC5509 Datasheet HTML 9Page - NEC 2SC5509 Datasheet HTML 10Page - NEC 2SC5509 Datasheet HTML 11Page - NEC 2SC5509 Datasheet HTML 12Page - NEC 2SC5509 Datasheet HTML 13Page - NEC 2SC5509 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet PU10009EJ01V0DS
10
2SC5509
EQUAL NF CIRCLE
VCE = 2 V
IC = 10 mA
f = 1 GHz
Unstable Area
3.5 dB
NFmin = 0.95 dB
Γopt
1.5 dB
3.0 dB
4.0 dB
2.0 dB
2.5 dB
VCE = 2 V
IC = 10 mA
f = 2 GHz
NFmin = 1.1 dB
Γopt
2.0 dB
1.5 dB
2.5
dB
3.5
dB
4.0
dB
3.0
dB


Similar Part No. - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5509 RENESAS-2SC5509 Datasheet
231Kb / 10P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
logo
California Eastern Labs
2SC5509 CEL-2SC5509 Datasheet
1Mb / 10P
   NPN SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5509-A RENESAS-2SC5509-A Datasheet
231Kb / 10P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-T2 RENESAS-2SC5509-T2 Datasheet
231Kb / 10P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
2SC5509-T2-A RENESAS-2SC5509-T2-A Datasheet
231Kb / 10P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
More results

Similar Description - 2SC5509

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Tachyonics CO,. LTD
TBN6301 TACHYONICS-TBN6301 Datasheet
224Kb / 6P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com