Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14PT314A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 14PT314A
Description  Service Manual
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

14PT314A Datasheet(HTML) 5 Page - NXP Semiconductors

  14PT314A Datasheet HTML 1Page - NXP Semiconductors 14PT314A Datasheet HTML 2Page - NXP Semiconductors 14PT314A Datasheet HTML 3Page - NXP Semiconductors 14PT314A Datasheet HTML 4Page - NXP Semiconductors 14PT314A Datasheet HTML 5Page - NXP Semiconductors 14PT314A Datasheet HTML 6Page - NXP Semiconductors 14PT314A Datasheet HTML 7Page - NXP Semiconductors 14PT314A Datasheet HTML 8Page - NXP Semiconductors 14PT314A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
32
L9.2A/78
Schematics and PWB’s
32
L9.2A
7.
12
1
2
1
2
3
4
5
6
7
3
4
5
6
7
8
9
10
8
9
10
11
1001 A8
1002 B8
1003 D4
1200 D10
1201 E10
1203 F10
2001 B4
2002 C4
A
B
C
D
E
11
12
3002 A3
3003 A4
3004 E3
3013 C5
3014 C5
3015 C5
3016 C5
3017 A7
2003 B4
2004 C5
2005 B6
2006 B8
2007 B9
2008 A4
2009 D3
2010 E3
2011 F3
2012 D3
2013 D3
2200 F5
2201 F6
2202 F6
2203 F6
2205 F7
F
G
H
0239 A12
0240 A10
1000 A2
3278 E5
3279 G2
3280 H2
4000 D3
4201 F5
4210 D8
4221 E9
4222 E8
3018 B6
3019 F3
3020 B7
3021 C9
3022 E4
3026 E3
3027 D3
3200 F6
3201 F7
3202 F7
3203 H2
3204 D8
3205 E7
3206 E8
3207 D7
3208 E9
2206 D7
2207 D7
2220 D8
2227 E5
2252 A5
2256 E8
3000 C2
3001 C2
NC
MT
7250-A E6
7252 E10
7253 E11
7265 H3
7266 E8
9000 A7
9001 D3
9002 E4
9204 F5
9219 G7
9220 F7
9221 G7
9507 H4
4223 E8
4251 E2
5001 C9
5002 E3
5004 C4
5202 D10
5203 D8
6003 C5
6004 E4
6005 B7
6006 B7
6007 A4
6010 D3
7000 B8
7001 E4
7010 A5
3209 E9
3210 F10
3211 F11
3212 E11
3213 E11
3215 E11
3216 D11
3277 D5
A5-23
4V7
2001 B4
5V
TO
4V4
A7-11
OF
OR
7V6
34V
2002 C4
A5-23
A5-43
A12-43
2205 F7
F
G
H
0239 A12
0240 A10
1000 A2
1001 A8
1002 B8
1003 D4
1200 D10
1201 E10
1203 F10
A12-38
IntCarSIF
A7-23
3V3
8V6
4V7
A11-47
A6-51
A7-25
A5-24
A5-23
9507 H4
4223 E8
7250-A E6
7252 E10
7253 E11
7265 H3
7266 E8
9000 A7
9001 D3
9002 E4
9204 F5
9219 G7
9220 F7
9221 G7
0239
TO
OR
OF
A5-45
A9-45
A7-9
4251 E2
5001 C9
5002 E3
5004 C4
5202 D10
5203 D8
6003 C5
6004 E4
6005 B7
6006 B7
6007 A4
6010 D3
7000 B8
7001 E4
7010 A5
3209 E9
3210 F10
3211 F11
3212 E11
3213 E11
3215 E11
3216 D11
3277 D5
3278 E5
3279 G2
3V1
A7-24
A5-46
A7-3
1V
A7-10
A5-25
1V6
3280 H2
4000 D3
4201 F5
4210 D8
4221 E9
4222 E8
3018 B6
3019 F3
3020 B7
3021 C9
3022 E4
3026 E3
3027 D3
3200 F6
3201 F7
3202 F7
3203 H2
3204 D8
3205 E7
3206 E8
3207 D7
3208 E9
2206 D7
2207 D7
2V4
A5-45
TUNER VIDEO IF (A/P)
2220 D8
2227 E5
2252 A5
2256 E8
3000 C2
3001 C2
3002 A3
3003 A4
3004 E3
3013 C5
3014 C5
3015 C5
3016 C5
3017 A7
2003 B4
2004 C5
2005 B6
2006 B8
2007 B9
2008 A4
2009 D3
2010 E3
2011 F3
2012 D3
2013 D3
2200 F5
2201 F6
2202 F6
2203 F6
A12-42
A9-38
0240
A12-44
A12-41
A12-56
TUNER
4V7
2V9
A
B
C
D
E
11
12
3456
789
10
8
A7-6
A10-49
A5-46
A5-25
(ITV MonitorOut)
9
101112
12
1
23456
7
A11-48
A10-37
2V6
A5-43
A5-24
A7-2
3V4
I3
4222
SFSH
1002
1
2
3
4221
9001
1N4148
6006
3203
10K
7001
BC848B
1203
TPS
G
2
I
1
O
3
BC847B
1K
SFSH
1001
9220
2006
47p
100R
3000
3277
1K
TPS
1200
2 G
1 I
3 O
I5
I6
BC857B
7253
2009
12p
I
1
O
3
9219
1201
TPS
G
2
7252
BC857B
6005
1N4148
4
5
6
7
8
9
0240
1
10
11
12
13
14
15
16
17
2
3
9507
3278
1K
55
2
AUDIOEXT
15
56
53
GND1
14
3
4
IFIN1
48
IFIN2
49
IFVO
6
5
112
TDA8844
7250-A
54
9000
15K
3002
4K7
3211
22K
3020
3001
100R
1
2
3
10K
3013
9221
6u8
5202
9204
6003
BAS216
3205
7266
220R
3208
2005
100p
4
5
6
7
8
9
3210
4K7
1
10
11
12
13
14
15
16
17
2
3
I2
0239
3016
680R
12K
3003
7000
BC847B
5
9002
470R
3216
1
3
1003
1
2
3
4
7010
L78M05
2
AS
12
13
14
15
1
2
6
9
10
11
4
SCL
5
SDA
1000
7
+5
8
ADC
3
7265
BC337-25
I1
470R
3212
6
7
8
5002
TYPE
1
2
3
4
I4
6010
BA482
LLp|Mtrap
+8VA
AudioOutR
AudioOutL|Mono
Ext2AudioR
VlotAux5V
SIF
FM|AM|Ext_VC_AudioMono
AudioSupply10V|14V
VlotAux8V
AudioSupplyGnd
AudioSupply10V|14V
AudioSupply10V|14VA
FM|AM|Audio
VlotAux13V
SDA
SCL
+5VA
VideoOut
LLp|Mtrap
SIF
FM|AM|Audio
+5VA
AudioOutL|Mono
ExtAudioMono
VlotAux8V
CVBS_INT
VlotAux8V
SCL
SDA
Dual|Mono
VBatt
AudioSupply10V|14VA
VlotAux8V
VlotAux5V
LLp|Mtrap
MainAudioL|Mono
AudioSupplyGnd
Front|Ext1AudioL
Front|Ext1AudioR
TrebleSw
BassSw
Volume
Buzzer
Ext1|2
Ext2AudioL|Mono
CL 96532047_004.eps
260599
I2
0.5V / div AC
20
µs / div
0.2V / div DC
5
µs / div
1V / div DC
5
µs / div
1V / div DC
2
µs / div
I1
I3
I4
I6
I5
1V / div DC
20
µs / div
1V / div DC
10
µs / div


Similar Part No. - 14PT314A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
14PT318A PHILIPS-14PT318A Datasheet
1Mb / 23P
   Instrucciones de Operacion
More results

Similar Description - 14PT314A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
HCD-V818 SONY-HCD-V818 Datasheet
5Mb / 18P
   SERVICE MANUAL
XR-C8220 SONY-XR-C8220 Datasheet
1Mb / 14P
   SERVICE MANUAL
STR-K740P SONY-STR-K740P Datasheet
4Mb / 19P
   SERVICE MANUAL
HCD-GRX8 SONY-HCD-GRX8 Datasheet
5Mb / 20P
   SERVICE MANUAL
CDX-GT121 SONY-CDX-GT121 Datasheet
3Mb / 38P
   SERVICE MANUAL
Ver. 1.0 2007. 08
logo
Panasonic Semiconductor
TH-32A400H PANASONIC-TH-32A400H Datasheet
6Mb / 67P
   Service Manual
2014
logo
Sony Corporation
FE-1 SONY-FE-1 Datasheet
6Mb / 61P
   SERVICE MANUAL
CDX605 SONY-CDX605 Datasheet
1Mb / 34P
   SERVICE MANUAL
2017
CDP-195 SONY-CDP-195 Datasheet
713Kb / 16P
   SERVICE MANUAL
logo
List of Unclassifed Man...
PX-E860 ETC-PX-E860 Datasheet
523Kb / 8P
   SERVICE MANUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com