Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F160411C-B Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4F160411C-B
Description  4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F160411C-B Datasheet(HTML) 1 Page - Samsung semiconductor

  K4F160411C-B Datasheet HTML 1Page - Samsung semiconductor K4F160411C-B Datasheet HTML 2Page - Samsung semiconductor K4F160411C-B Datasheet HTML 3Page - Samsung semiconductor K4F160411C-B Datasheet HTML 4Page - Samsung semiconductor K4F160411C-B Datasheet HTML 5Page - Samsung semiconductor K4F160411C-B Datasheet HTML 6Page - Samsung semiconductor K4F160411C-B Datasheet HTML 7Page - Samsung semiconductor K4F160411C-B Datasheet HTML 8Page - Samsung semiconductor K4F160411C-B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
K4F170411C, K4F160411C
CMOS DRAM
K4F170412C, K4F160412C
This is a family of 4,194,304 x 4 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory cells
within the same row. Power supply voltage (+5.0V or +3.3V), refresh cycle (2K Ref. or 4K Ref.), access time (-50 or -60), power con-
sumption(Normal or Low power) and package type(SOJ or TSOP-II) are optional features of this family. All of this family have CAS-
before-RAS refresh, RAS-only refresh and Hidden refresh capabilities. Furthermore, Self-refresh operation is available in L-version.
This 4Mx4 Fast Page Mode DRAM family is fabricated using Samsung
′s advanced CMOS process to realize high band-width, low power
consumption and high reliability. It may be used as main memory for high level computer, microcomputer and personal computer.
• Part Identification
- K4F170411C-B(F) (5V, 4K Ref.)
- K4F160411C-B(F) (5V, 2K Ref.)
- K4F170412C-B(F) (3.3V, 4K Ref.)
- K4F160412C-B(F) (3.3V, 2K Ref.)
• Fast Page Mode operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• Fast parallel test mode capability
• TTL(5V)/LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in Plastic SOJ and TSOP(II) packages
• Single +5V
±10% power supply (5V product)
• Single +3.3V
±0.3V power supply (3.3V product)
Control
Clocks
RAS
CAS
W
Vcc
Vss
DQ0
to
DQ3
A0-A11
(A0 - A10)*1
A0 - A9
(A0 - A10)*1
Memory Array
4,194,304 x 4
Cells
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• Refresh Cycles
Part
NO.
VCC
Refresh
cycle
Refresh period
Nor-
L-ver
K4F170411C
5V
4K
64ms
128ms
K4F170412C
3.3V
K4F160411C
5V
2K
32ms
K4F160412C
3.3V
• Performance Range
Speed
tRAC
tCAC
tRC
tPC
Remark
-50
50ns
13ns
90ns
35ns
5V/3.3V
-60
60ns
15ns
110ns
40ns
5V/3.3V
• Active Power Dissipation
Speed
3.3V
5V
4K
2K
4K
2K
-50
324
396
495
605
-60
288
360
440
550
Unit : mW
Data out
Buffer
Data in
Buffer
OE
Note) *1 : 2K Refresh
Col. Address Buffer
Row Address Buffer
Refresh Counter
Refresh Control
Refresh Timer
Column Decoder
Row Decoder
VBB Generator


Similar Part No. - K4F160411C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F160411D SAMSUNG-K4F160411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F160411C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C4000C SAMSUNG-KM44C4000C Datasheet
340Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F660412D SAMSUNG-K4F660412D Datasheet
367Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM44C1000D SAMSUNG-KM44C1000D Datasheet
372Kb / 21P
   1M x 4Bit CMOS Dynamic RAM with Fast Page Mode
KM44C16000B SAMSUNG-KM44C16000B Datasheet
341Kb / 20P
   16M x 4bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM41C4000D SAMSUNG-KM41C4000D Datasheet
340Kb / 20P
   4M x 1Bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com