Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF614A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MF614A
Description  High Speed Digital Services
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MF614A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MF614A Datasheet HTML 1Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 2Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 3Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 4Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 5Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 6Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 7Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 8Page - List of Unclassifed Manufacturers MF614A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product Specification
MF614A
Data sheet subject to change without notice
RDPS-MF041(R0)03/21/2002
SHEET 3 OF 14
1. Introduction:
The In-Line filter has been specifically designed to implement the functionality of low pass
filter in G.Lite system. G.Lite technology is similar to full rate ADSL in using DMT technology
but operates at a lower data rate of up to 1.5 Mbps downstream and 512 kbps upstream,
depending on line conditions and lengths.
ADSL Lite is proposed as a lower speed version of ADSL that will eliminate the need for
telecom to install and maintain a premise based POTS splitter. Recent field trials of ADSL Lite
equipment jointly carried out by a group of manufacturers and a North America network
operator has proved the technology, achieving maximum data rate for distance up to 15000
feet, It was found necessary to include one or more low pass filters in series with the POTS
terminals in order to reliably achieve maximum data rates. The In-Line filter for phones or
telephone equipments sharing a two-line phone jack. The low pass filters provide protection
from ADSL signal which may impact through non-linear or other effects remote devices
( telephone sets, facsimile machine, answering machine, voice band modem, etc. ) on line 1
and line 2. For ADSL signal, it also provides protection from the high frequency transients and
impedance effects that occur during POTS operation ( ringing transients, on / off hook
transients and so on ). This In-Line filter provides one filtered jack for any single or two-line
phone devices.
Because the In-Line filter connects directly to the subscriber loop media, it must also provide
some protection for externally induced line hits or faults which could damage any attached
equipments or endanger humans interacting with the installed equipments. The circuit
protection will be provided mostly by standard central office line protection means and
additional protection measures built into the In-Line filter to protect against line overstress
which could damage the In-Line filter itself. The electrical and transmission specifications are
designed to meet T1E1.4/2001-007R3 and as per customer’s requirement.


Similar Part No. - MF614A

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
MF610 PADAUK-MF610 Datasheet
401Kb / 11P
   Single-Phase BLDC Motor Controller
logo
GS Yuasa Battery Sales ...
MF612 GSYUASABATTERY-MF612 Datasheet
308Kb / 1P
   Capacity (20-hour) 143Ah
logo
Mitsubishi Electric Sem...
MF6128M-02BJXX MITSUBISHI-MF6128M-02BJXX Datasheet
145Kb / 18P
   2.5 Flash Drive
logo
GS Yuasa Battery Sales ...
MF615 GSYUASABATTERY-MF615 Datasheet
238Kb / 1P
   Capacity (20-hour) 135Ah
logo
PADAUK Technology.
MF616 PADAUK-MF616 Datasheet
511Kb / 11P
   3-Phase Brushless DC Motor Controller
More results

Similar Description - MF614A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF3560 NXP-SAF3560 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
logo
List of Unclassifed Man...
MW79-C ETC-MW79-C Datasheet
66Kb / 1P
   Custom Wire Services
1/29/20
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
logo
Solid State Optronic
SDN137 SSOUSA-SDN137 Datasheet
432Kb / 12P
   Digital High Speed Optocoupler
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
ON Semiconductor
NCP81111 ONSEMI-NCP81111 Datasheet
280Kb / 28P
   High Speed Digital Controller
November, 2015 ??Rev. 4
logo
Keysight Technologies
W2350EP KEYSIGHT-W2350EP Datasheet
1Mb / 12P
   High Speed Digital Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com