Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21PG331SN1 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # BLM21PG331SN1
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21PG331SN1 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button BLM21PG331SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM21PG331SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
Continued from the preceding page.
0805
1206
1806
For High Speed Signal
(Sharp impedance characteristics)
For Digital Interface
For Large Current
For Large Current
For Large Current
5
±25%
60
±25%
75
±25%
120
±25%
150
±25%
200
±25%
220
±25%
330
±25%
420
±25%
470
±25%
600
±25%
750
±25%
1000
±25%
1500
±25%
1800
±25%
2250 (Typ.)
2200
±25%
2700
±25%
120
±25%
220
±25%
470
±25%
600
±25%
1000
±25%
22
±25%
30 (Typ.)
60
±25%
220
±25%
330
±25%
33
±25%
50 (Typ.)
120
±25%
390
±25%
600
±25%
60 (Typ.)
75 (Typ.)
180
±25%
470
±25%
1000
±25%
500
200
200
6000*
3000*
2000*
1500*
6000*
3000*
2000*
1500*
6000*
3000*
3000*
2000*
1500*
BLM21BB050SN1
BLM21BB600SN1
BLM21BB750SN1
BLM21BB121SN1
BLM21BD121SN1
BLM21BB151SN1
BLM21BD151SN1
BLM21BB201SN1
BLM21BB221SN1
BLM21BD221SN1
BLM21BB331SN1
BLM21BD331SN1
BLM21BD421SN1
BLM21BB471SN1
BLM21BD471SN1
BLM21BD601SN1
BLM21BD751SN1
BLM21BD102SN1
BLM21BD152SN1
BLM21BD182SN1
BLM21BD222SN1
BLM21BD222TN1
BLM21BD272SN1
BLM21RK121SN1
BLM21RK221SN1
BLM21RK471SN1
BLM21RK601SN1
BLM21RK102SN1
BLM21PG220SN1
BLM21PG300SN1
BLM21PG600SN1
BLM21PG221SN1
BLM21PG331SN1
BLM31PG330SN1
BLM31PG500SN1
BLM31PG121SN1
BLM31PG391SN1
BLM31PG601SN1
BLM41PG600SN1
BLM41PG750SN1
BLM41PG181SN1
BLM41PG471SN1
BLM41PG102SN1
Type
Size (inches)
Impedance (
Ω)
at 100MHz
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
at 1GHz
Rated Current (mA)
Part Number
* Please see P.53 "Derating of Rated Current".
18
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - BLM21PG331SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21PG331SN1 MURATA-BLM21PG331SN1 Datasheet
123Kb / 4P
   Chip Ferrite Bead
BLM21PG331SN1 MURATA-BLM21PG331SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM21PG331SN1 MURATA-BLM21PG331SN1 Datasheet
123Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM21PG331SN1 MURATA-BLM21PG331SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21PG331SN1 MURATA-BLM21PG331SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results

Similar Description - BLM21PG331SN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com