Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCF162835DLR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ALVCF162835DLR
Description  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCF162835DLR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ALVCF162835DLR Datasheet HTML 4Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 5Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 6Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 7Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 8Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 9Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 10Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 11Page - Texas Instruments SN74ALVCF162835DLR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - SN74ALVCF162835DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162835DLR TI-SN74ALVCF162835DLR Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCF162835DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com