Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCF162835DL Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALVCF162835DL
Description  3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCF162835DL Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVCF162835DL Datasheet HTML 1Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 2Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 3Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 4Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 5Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 6Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 7Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 8Page - Texas Instruments SN74ALVCF162835DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVCF162835
3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES397A – JULY 2002 – REVISED AUGUST 2004
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
4.6
V
VI
Input voltage range(2)
-0.5
4.6
V
VO
Output voltage range(2)(3)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0 or VI < VCC
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
64
θ
JA
Package thermal impedance(4)
DGV package
48
°C/W
DL package
56
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 2.7 V to 3.6 V
2
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
-6
VCC = 2.3 V
-8
-6
IOH
High-level output current
VCC = 2.7 V
mA
-12
-8
VCC = 3 V
-18
6
VCC = 2.3 V
8
6
IOL
Low-level output current
VCC = 2.7 V
mA
12
8
VCC = 3 V
18
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
-40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74ALVCF162835DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162835DL TI-SN74ALVCF162835DL Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162835DLR TI-SN74ALVCF162835DLR Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCF162835DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCF162835 TI-SN74ALVCF162835_07 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCF162834 TI1-SN74ALVCF162834 Datasheet
478Kb / 14P
[Old version datasheet]   3.3-V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVTH16835-EP TI1-SN74LVTH16835-EP Datasheet
309Kb / 11P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74LVT16835 TI-SN74LVT16835 Datasheet
109Kb / 7P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
IDT74ALVCF162835A IDT-IDT74ALVCF162835A Datasheet
73Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
IDT74ALVC162835 IDT-IDT74ALVC162835 Datasheet
71Kb / 6P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
IDT74ALVC16835 RENESAS-IDT74ALVC16835 Datasheet
282Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
JUNE 2009
IDT74ALVCF162835A RENESAS-IDT74ALVCF162835A Datasheet
278Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
NOVEMBER 2008
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com