Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6048F Datasheet(PDF) 9 Page - New Japan Radio

Part # NJU6048F
Description  High Efficiency White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6048F Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJU6048F Datasheet HTML 5Page - New Japan Radio NJU6048F Datasheet HTML 6Page - New Japan Radio NJU6048F Datasheet HTML 7Page - New Japan Radio NJU6048F Datasheet HTML 8Page - New Japan Radio NJU6048F Datasheet HTML 9Page - New Japan Radio NJU6048F Datasheet HTML 10Page - New Japan Radio NJU6048F Datasheet HTML 11Page - New Japan Radio NJU6048F Datasheet HTML 12Page - New Japan Radio NJU6048F Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
-9 -
NJU6048
Ver.2005-06-09
(VDD=3.6V, VSS=0V, L=10µH, Ta=25°C)
OVP Trigger Threshold vs. Input Voltage
OVP Trigger Threshold vs. Temperature
OVP Release Threshold vs. Input Voltage
OVP Release Threshold vs. Temperature
LED Current vs. Input Voltage
LED Current vs. Duty Cycle


Similar Part No. - NJU6048F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6010 NJRC-NJU6010 Datasheet
217Kb / 13P
   24 keys input key-scan IC
NJU6014 NJRC-NJU6014 Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
NJU6014G NJRC-NJU6014G Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
NJU6014L NJRC-NJU6014L Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
NJU6014V NJRC-NJU6014V Datasheet
363Kb / 11P
   REMOTE CONTROL COMMANDER IC
More results

Similar Description - NJU6048F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 DIODES-AP3154 Datasheet
611Kb / 13P
   120mA HIGH EFFICIENCY WHITE LED DRIVER
AP3154 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com