Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD131N Datasheet(PDF) 5 Page - eupec GmbH

Part # TD131N
Description  EUPEC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

TD131N Datasheet(HTML) 5 Page - eupec GmbH

  TD131N Datasheet HTML 1Page - eupec GmbH TD131N Datasheet HTML 2Page - eupec GmbH TD131N Datasheet HTML 3Page - eupec GmbH TD131N Datasheet HTML 4Page - eupec GmbH TD131N Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TT 131 N
Pos. n
1
2
3
4
5
6
7
Rthn[°C/W]
τn [s]
Analytische Elemente des transienten Wärmewiderstandes ZthJC pro Zweig für DC
Analytical elements of transient thermal impedance ZthJC per arm for DC
Analytische Funktion / Analytical function:
nmax
Σ
n=1
ZthJC =
Rthn (1-e )
t
- τn
[°C/W]
ZthJC
t [s]
10-3 2
4 6 810-2
2
4 6 8100 2 4 6 8101 2 4 6 8102
2
4 6 810-1
0
0,36
0,32
0,04
0,16
0,20
0,24
0,08
0,12
0
θ
180°
120°
90°
60°
θ
=
30°
TT 121 N/13
[°C/W]
ZthJC
t [s]
10-3 2
4 6 810-2
2
4 6 8100 2 4 6 8101 2 4 6 8102
2
4 6 810-1
0
0
θ
0,36
0,32
0,04
0,16
0,20
0,24
0,08
0,12
180°
120°
90°
60°
θ
=
30°
DC
TT 131 N/14
0,00956
0,025 0,0763 0,0726 0,0305
0,00089 0,0078
0,086
0,412
2,45
Bild / Fig. 13
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance
per arm Z(th)JC = f(t)
Parameter: Stromflußwinkel / current conduction angle θ
Bild / Fig. 14
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance
per arm Z(th)JC = f(t)
Parameter: Stromflußwinkel / current conduction angle θ


Similar Part No. - TD131N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TD1311AFPHP-4 NXP-TD1311AFPHP-4 Datasheet
490Kb / 27P
   Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
TD1311ALFIHP-4 NXP-TD1311ALFIHP-4 Datasheet
490Kb / 27P
   Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
TD1311ALFIVP-4 NXP-TD1311ALFIVP-4 Datasheet
490Kb / 27P
   Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
More results

Similar Description - TD131N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
2ED020I12-F EUPEC-2ED020I12-F Datasheet
388Kb / 18P
   Dual IGBT Driver IC for eupec Low and Medium Power IGBT Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com