Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF512K32F-90G1UM5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WF512K32F-90G1UM5
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K32F-90G1UM5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WF512K32F-90G1UM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF512K32F-90G1UM5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
WF512K32-XXX5
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS,CS CONTROLLED
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
FIG. 4
AC TEST CIRCUIT
AC TEST CONDITIONS
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
Parameter
Symbol
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
60
70
90
120
150
ns
Write Enable Setup Time
tWLEL
tWS
00
0
0
0
ns
Chip Select Pulse Width
tELEH
tCP
40
45
45
50
50
ns
Address Setup Time
tAVEL
tAS
00
0
0
0
ns
Data Setup Time
tDVEH
tDS
40
45
45
50
50
ns
Data Hold Time
tEHDX
tDH
00
0
0
0
ns
Address Hold Time
tELAX
tAH
40
45
45
50
50
ns
Chip Select Pulse Width High
tEHEL
tCPH
20
20
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
15
15
15
sec
Read Recovery Time
tGHEL
00
0
0
0
ns
Chip Programming Time
11
11
11
11
11
sec
Chip Erase Time (3)
64
64
64
64
64
sec
NOTES:
1. Typical value for tWHWH1 is 7
µs.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase Time is 8sec.


Similar Part No. - WF512K32F-90G1UM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5 WEDC-WF512K32N-120G2LC5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5A WEDC-WF512K32N-120G2LC5A Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5 WEDC-WF512K32N-120G2LI5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5A WEDC-WF512K32N-120G2LI5A Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32F-90G1UM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com