Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6995L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADM6995L
Description  5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADM6995L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ADM6995L Datasheet HTML 4Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 5Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 6Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 7Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 8Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 9Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 10Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 11Page - List of Unclassifed Manufacturers ADM6995L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
ADM6995L
Product Review
1.2
Features
Supports five 10M/100M auto-detect Half/Full duplex switch ports with TX/FX
interfaces.
Supports 2048 MAC addresses table.
Supports four queue for QoS
Supports priority features by Port-Based, 802.1p VLAN & IP TOS of packets.
Supports Store & Forward architecture and performs forwarding and filtering at non-
blocking full wire speed.
Supports buffer allocation with 256 bytes per block
Supports Aging function Enable/Disable.
Supports per port Single/Dual color mode with Power On auto diagnostic.
Supports 802.3x Flow Control pause packet for Full Duplex in case buffer is full.
Supports Back Pressure function for Half Duplex operation in case buffer is full.
Supports packet length up to 1522 bytes.
Broadcast Storming Filter function.
Supports 802.1Q VLAN. Up to 16 VLAN groups is implemented by the last four bits
of VLAN ID.
2bit MAC clone to support multiple WAN application
Supports TP interface Auto MDIX function for auto TX/RX swap by strapping-pin.
Easy Management 32bits smart counter for per port RX/TX byte/packet count, error
count and collision count.
Support PHY status output for management system.
25M Crystal only for the whole system.
128 QFP package with 0.18um technology. 1.8V/3.3V power supply.
ADMtek Inc.
1-2


Similar Part No. - ADM6995L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM699 AD-ADM699 Datasheet
254Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
logo
Infineon Technologies A...
ADM6992C INFINEON-ADM6992C Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
ADM6992CX INFINEON-ADM6992CX Datasheet
5Mb / 82P
   Two Port Bridge Fiber to Fast Ethernet Converter
Data Sheet, Rev. 1.02, Nov. 2005
ADM6992F INFINEON-ADM6992F Datasheet
3Mb / 82P
   Fiber to Fast Ethernet Converter
Rev. 1.02, Nov. 2005
ADM6992FX INFINEON-ADM6992FX Datasheet
3Mb / 82P
   Fiber to Fast Ethernet Converter
Rev. 1.02, Nov. 2005
More results

Similar Description - ADM6995L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ADM6999U INFINEON-ADM6999U Datasheet
5Mb / 85P
   9 port 10/100 Mb/s Single Chip Ethernet Switch Controller
Data Sheet, Rev. 1.42, Nov. 2005
ADM6996F INFINEON-ADM6996F Datasheet
2Mb / 69P
   6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.03
ADM6996L INFINEON-ADM6996L Datasheet
1Mb / 61P
   6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.04
logo
List of Unclassifed Man...
RTL8305S ETC-RTL8305S Datasheet
417Kb / 24P
   5-PORT 10/100 MBPS SINGLE CHIP SWITCH CONTROLLER
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
   Single-Port 10/100 Mbit/s Ethernet Switch
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
   Single-Port 10/100 Mbit/s Ethernet Switch
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848CVVX TI1-DP83848CVVX Datasheet
617Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848C TI-DP83848C Datasheet
711Kb / 86P
[Old version datasheet]   Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
   5 Port 10/100 Ethernet Integrated Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com