Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT3685A9 Datasheet(PDF) 6 Page - Integral Corp.

Part # KT3685A9
Description  DISCRETE SEMICONDUCTOR Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

KT3685A9 Datasheet(HTML) 6 Page - Integral Corp.

  KT3685A9 Datasheet HTML 1Page - Integral Corp. KT3685A9 Datasheet HTML 2Page - Integral Corp. KT3685A9 Datasheet HTML 3Page - Integral Corp. KT3685A9 Datasheet HTML 4Page - Integral Corp. KT3685A9 Datasheet HTML 5Page - Integral Corp. KT3685A9 Datasheet HTML 6Page - Integral Corp. KT3685A9 Datasheet HTML 7Page - Integral Corp. KT3685A9 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DISCRETE SEMICONDUCTOR
Transistors
73
• Low Power MOSFETs
Part
Pin to Pin
Compatibility
P max,
W
Vgs max,
V
Vds max,
V
Vgs(off),
V
Rds(on),
Ohm
Id max,
A
g fs,
A/V
Package
КП501А
КП501Б
КП501В
ZVN2120
0.5
±20
240
200
200
1.0…3.0
1.0…3.0
10
10
15
10
>0.1
TO-92
КП502А
BSS124
1.0
±10
400
1.5…2.5
28
0.12
0.1
TO-92
КП503А
BSS129
1.0
±10
400
1.5…2.5
28
0.12
0.1
TO-92
КП504А
КП504Б
КП504В
КП504Г
КП504Д
КП504Е
BSS88
1.0
1.0
0.7
0.7
0.7
0.7
±10
250
250
200
180
200
200
0.6…1.2
8
8
8
10
8
8
0.32
0.14
TO-92
КП505А
КП505Б
КП505В
КП505Г
BSS295
1.0
1.0
1.0
0.7
±10
50
50
60
8
0.8…2.0
0.8…2.0
0.8…2.0
0.4…0.8
0.3
0.3
0.3
1.2
1.4
0.5
0.5
0.5
TO-92
КП507A
BSS315
1.0
±20
-50
-0.8…-2.0
0.8
-1.1
TO-92
КП508A
BSS92
1.0
±20
-240
-0.8…-2.0
20
-0.15
TO-92
КП509А9
КП509Б9
КП509В9
BSS131
0.36
0.50
0.36
±14
240
240
200
0.8…-2.0
0.6…-1.2
0.8…-2.0
16
8
16
0.1
0.25
0.1
0.06
0.14
0.06
SOT-23
КП510A9
IRML2402
0.54
±12
20
0.7…-1.6
0.25
1.2
1.3
SOT-23
КП511A
КП511Б
TN0535
TN0540
0.75
±20
350
400
0.8…-2.0
22
0.14
0.125
TO-92
КП523А
КП523Б
BSS297
1.0
1.0
±20
±14
200
200
0.8…2.0
0.8…2.0
2.0
4.0
0.48
0.34
0.5
0.5
TO-92
КП214А9
2N7002LT1
0.2
±40
60
1.0…2.5
7.5
0.115
0.08
SOT-23
• Power N-Channel MOSFETs
Part
Pin to Pin
Compatibility
Vds max,
V
Rds (on),
Ohm
Id max,
A
Vgs max,
V
P max,
W
Vgs (th),
V
Package
КП723А
КП723Б
КП723В
IRFZ44
IRFZ45
IRFZ40
60
60
50
0.028
0.035
0.028
50
50
50
±20
150
2.0…4.0
TO-220
КП726А
КП726Б
BUZ90A
BUZ90
600
2.0
1.6
4.0
4.5
±20
75
2.0…4.0
TO-220
КП727А
КП727Б
BUZ71
IRFZ34
50
60
0.1
0.05
14
30
±20
75
2.0…4.0
TO-220
КП728Г1,Г2
КП728С1,С2
КП728Е1,Е2
BUZ80A
700
650
600
5.0
4.0
3.0
3.0
±20
75
2.0…4.0
TO-220
КП739А
КП739Б
КП739В
IRFZ14
IRFZ10
IRFZ15
60
50
60
0.2
0.2
0.3
10
10
8.3
±20
43
2.0…4.0
TO-220
КП740А
КП740Б
КП740В
IRFZ24
IRFZ20
IRFZ25
60
50
60
0.1
0.1
0.12
17
17
14
±20
60
2.0…4.0
TO-220
КП741А
КП741Б
IRFZ48
IRFZ46
60
50
0.018
0.024
50
±20
190
150
2.0…4.0
TO-220
КП742А
КП742Б
STH75N06
STH80N05
60
50
0.014
0.012
75
80
±20
200
2.0…4.0
TO-218


Similar Part No. - KT3685A9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT3102 ETC-KT3102 Datasheet
3Mb / 1P
   NPN Transistor
logo
Samsung semiconductor
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
KT3170N SAMSUNG-KT3170N Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
logo
Kyocera Kinseki Corpota...
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
KT3225F16368ACW28TA0 ETC2-KT3225F16368ACW28TA0 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - KT3685A9

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
List of Unclassifed Man...
W98M9640 ETC1-W98M9640 Datasheet
228Kb / 13P
   Semiconductor Discrete Device, P-Channel Power MOS Field Effect Transistor
logo
Siemens Semiconductor G...
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Advanced Power Technolo...
MRF557 ADPOW-MRF557 Datasheet
150Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com