Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6405DE86MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6405DE86MR
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6405DE86MR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6405DE86MR Datasheet HTML 3Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 4Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 5Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 6Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 7Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 8Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 9Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 10Page - Torex Semiconductor XC6405DE86MR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
XC6405 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6405 Series
Ta=25
OC
SWITCH (NO PULL-UP RESISTOR)
OPTION
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V
(NOTE 2) VROUT(T)=Specified VR Output Voltage
(NOTE 4) Vdif={VIN1
(NOTE6)-VROUT1(NOTE5)}
(NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased.
(NOTE 7) VDF (T) : Specified Detect Voltage value
(NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V.
(NOTE 9) VD Output Current value of Detect 'L' type equal to current value during detection
and that of Detect 'H' type equal to current value before detection.
6
Delay Resistance=6.0V/Delay Current
300
500
700
k
Delay Resistance
Rdelay
VIN=6.0V
2
CE/EN "Low" Level Current
ICE/EN L
VIN=VROUT(T)+1.0V, VCE/EN=VSS
-0.10
0.10
µA
2
-0.10
1
0.25
V
1
V
20
µA
CE/EN "High" Level Voltage
VCE/EN H
CE/EN "High" Level Current
ICE/EN H
VCE/EN=VIN=VROUT(T)+1.0V
CE/EN "Low" Level Voltage
VCE/EN L
PARAMETER
SYMBOL
VD Output Current
(note 9)
IDOUT
mA
VIN = 6.0V
5.0
VIN = 3.0V
10.0
15.0
VD Supply Current
IDDVD
µA
VIN = 6.0V
14.5
20.0
3.0
10.0
4.0
8.0
6.0
1.60
VIN
(NOTE 3) VOUT(E)=Actual VR Output Voltage. Refer to the E-0 chart on page 15 for VDF(T) values less than 1.5V.
VIN = 3.0V
24.0
7.0
12.0
V
2
12.0
17.5
29.0
19.0
4
V
VDF (T)
x 0.08
VDF (T)
TYP
4
VDF (E)
x 0.98
VDF (T)
x 1.02
26.0
19.0
∆Topr ⋅ VDF
∆VDF /
-40
OC<Topr<85OC
VIN = 2.0V
VIN = 5.0V
VIN = 4.0V
VIN = 4.0V
VIN = 5.0V
VHYS
x 0.05
VDF (T)
x 0.02
±100
10.0
VD Detect Voltage
Temperature Characteristics
CONDITIONS
MIN
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
VD Hysteresis Range (note 7)
VD Detect Voltage (note 7, 8)
ppm /
OC
MAX
UNITS
5
4
CIRCUIT
VIN = 2.0V
VDOUT = 0.5V
Semiconductor Ltd.
Data Sheet
7


Similar Part No. - XC6405DE86MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6405DE86MR TOREX-XC6405DE86MR Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6405DE86MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com