Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM21AG221SN1 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # BLM21AG221SN1
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM21AG221SN1 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button BLM21AG221SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM21AG221SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
21
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
Impedance
(at 100MHz/20
°C)
(ohm)
Rated Current
(mA)
DC Resistance (max.)
(ohm)
Operating
Temperature Range
(
°C)
BLM15AG100SN1
10 (Typ.)
1000
0.05
-55 to +125
BLM15AG700SN1
70 (Typ.)
500
0.15
-55 to +125
BLM15AG121SN1
120
±25%
500
0.25
-55 to +125
BLM15AG221SN1
220
±25%
300
0.35
-55 to +125
BLM15AG601SN1
600
±25%
300
0.6
-55 to +125
BLM15AG102SN1
1000
±25%
200
1.0
-55 to +125
s Impedance-Frequency (Typical)
BLM15A Series
0
200
400
600
800
1000
1200
1
10
100
1000
Frequency (MHz)
BLM15AG102SN1
BLM15AG601SN1
BLM15AG221SN1
BLM15AG121SN1
BLM15AG700SN1
BLM15AG100SN1
s Impedance-Frequency Characteristics
BLM15AG100SN1
0
5
10
15
20
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG700SN1
0
20
40
60
80
100
120
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG121SN1
0
50
100
150
200
1
10
100
1000
Frequency (MHz)
Z
R
X
BLM15AG221SN1
0
100
200
300
400
1
10
100
1000
Frequency (MHz)
Z
R
X
Continued on the following page.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - BLM21AG221SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AG221SN1 MURATA-BLM21AG221SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM21AG221SN1 MURATA-BLM21AG221SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM21AG221SN1 MURATA1-BLM21AG221SN1 Datasheet
120Kb / 8P
   BLM21 Series (2012 Size)
BLM21AG221SN1 MURATA1-BLM21AG221SN1 Datasheet
251Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated07/11/2022
logo
Murata Manufacturing Co...
BLM21AG221SN1B MURATA-BLM21AG221SN1B Datasheet
112Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
More results

Similar Description - BLM21AG221SN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com