Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT815A Datasheet(PDF) 7 Page - Integral Corp.

Part # KT815A
Description  DISCRETE SEMICONDUCTOR Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

KT815A Datasheet(HTML) 7 Page - Integral Corp.

  KT815A Datasheet HTML 1Page - Integral Corp. KT815A Datasheet HTML 2Page - Integral Corp. KT815A Datasheet HTML 3Page - Integral Corp. KT815A Datasheet HTML 4Page - Integral Corp. KT815A Datasheet HTML 5Page - Integral Corp. KT815A Datasheet HTML 6Page - Integral Corp. KT815A Datasheet HTML 7Page - Integral Corp. KT815A Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DISCRETE SEMICONDUCTOR
Transistors
74
• Power N-Channel MOSFETs
(continued)
Part
Pin to Pin
Compatibility
Vds max,
V
Rds (on),
Ohm
Id max,
A
Vgs max,
V
P max,
W
Vgs (th),
V
Package
КП743А
КП743Б
КП743В
IRF510
IRF511
IRF512
100
80
100
0.54
0.54
0.74
5.6
5.6
4.9
± 20
43
2.0…4.0
TO-220
TO-126
КП743А1
100
0.54
5.5
±20
40
2.0…4.0
TO-126
КП744А
КП744Б
КП744В
IRF520
IRF521
IRF522
100
80
100
0.27
0.27
0.36
9.2
9.2
8.0
±20
60
2.0…4.0
TO-220
КП745А
КП745Б
КП745В
IRF530
IRF531
IRF532
100
80
100
0.16
0.16
0.23
14.0
14.0
12.0
±20
88
2.0…4.0
TO-220
КП746А
КП746Б
КП746В
IRF540
IRF541
IRF542
100
80
100
0.077
0.077
0.1
28.0
28.0
25.0
±20
150
2.0…4.0
TO-220
КП747А
IRFP150
100
0.055
41.0
±20
230
2.0…4.0
TO-218
КП748А
КП748Б
КП748В
IRF610
IRF611
IRF612
200
150
200
1.5
1.5
2.4
3.3
3.3
2.6
±20
36
2.0…4.0
TO-220
КП749А
КП749Б
КП749В
IRF620
IRF621
IRF622
200
150
200
0.8
0.8
1.2
5.2
5.2
4.0
±20
50
2.0…4.0
TO-220
КП737А
КП737Б
КП737В
IRF630
IRF634
IRF635
200
250
200
0.4
0.45
0.68
9.0
8.1
6.5
±20
74
2.0…4.0
TO-220
КП750А
КП750Б
КП750В
IRF640
IRF641
IRF642
200
150
200
0.18
0.18
0.22
18.0
18.0
16.0
±20
125
2.0…4.0
TO-220
КП731А
КП731Б
КП731В
IRF710
IRF711
IRF712
400
350
400
3.6
3.6
5.0
2.0
2.0
1.7
±20
36
2.0…4.0
TO-220
КП751А
КП751Б
КП751В
IRF720
IRF721
IRF722
400
350
400
1.8
1.8
2.5
3.3
3.3
2.8
±20
50
2.0…4.0
TO-220
КП752А
КП752Б
КП752В
Pilot Production
IRF730
IRF731
IRF732
400
350
400
1.0
1.0
1.5
5.5
5.5
4.5
±20
74
2.0…4.0
TO-220
КП753А
КП753Б
КП753В
Pilot Production
IRF830
IRF831
IRF832
500
450
500
1.5
1.5
2.0
4.5
4.5
4.0
±20
74
2.0…4.0
TO-220
КП771А
STP40N10
100
0.04
40
±20
150
2.0…4.0
TO-220
КП776А
КП776Б
КП776В
КП776Г
Pilot Production
IRF740
IRF741
IRF742
IRF744
400
350
400
450
0.55
0.55
0.8
0.63
10.0
10.0
8.3
8.8
±20
125
2.0…4.0
TO-220


Similar Part No. - KT815A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
KT815A ISC-KT815A Datasheet
188Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - KT815A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
List of Unclassifed Man...
W98M9640 ETC1-W98M9640 Datasheet
228Kb / 13P
   Semiconductor Discrete Device, P-Channel Power MOS Field Effect Transistor
logo
Siemens Semiconductor G...
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Advanced Power Technolo...
MRF557 ADPOW-MRF557 Datasheet
150Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com