Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP2264 Datasheet(PDF) 9 Page - Texas Instruments

Part # VSP2264
Description  CCD SIGNAL PROCESSOR WITH TIMING GENERATOR FOR DIGITAL CAMERAS
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VSP2264 Datasheet(HTML) 9 Page - Texas Instruments

Back Button VSP2264 Datasheet HTML 5Page - Texas Instruments VSP2264 Datasheet HTML 6Page - Texas Instruments VSP2264 Datasheet HTML 7Page - Texas Instruments VSP2264 Datasheet HTML 8Page - Texas Instruments VSP2264 Datasheet HTML 9Page - Texas Instruments VSP2264 Datasheet HTML 10Page - Texas Instruments VSP2264 Datasheet HTML 11Page - Texas Instruments VSP2264 Datasheet HTML 12Page - Texas Instruments VSP2264 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Introduction
3
SLES059—March 2003
VSP2264
1.4
Terminal Assignments
12
34
56
78
9
10
A
BYP2
BYP
(NC)
CCDIN
AVDD
DVSS
DVSS
DVSS
(NC)
(NC)
B
COB
(NC)
AVDD
AVSS
DVDD
DVDD
DVDD
DVSS
H1
C
AVDD
AVSS
(NC)
AVSS
MCLK
BYPD
SYSRST
DVDD
DVDD
D
REFP
REFN
(NC)
H2
DVSS
DVSS
E
AVDD
AVSS
AVSS
R
HL
DVDD
F
TPD
TPP
DVSS
(NC)
SUBSW
SUB
G
DVDD
(NC)
SLOAD
V2
V3
V4
H
SDATA
SCLK
B9
B6
B3
FINDX
HD
(NC)
CH4
V1
J
SOUT
ADCCK
B8
B5
B1
B0
DVSS
DVDD
CH1
CH3
K
B11
B10
B7
B4
B2
(NC)
DVDD
VD
DVSS
CH2
BYPM
CM
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
(NC)
1.5
Package/Ordering Information
PRODUCT
PACKAGE
PACKAGE
CODE
OPERATION
TEMPERA-
TURE RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA
VSP2264GSJ
BGA 96
GSJ
25
°Cto85°C
VSP2264
VSP2264GSJ
168-piece tray
VSP2264GSJ
BGA 96
GSJ
–25
°C to 85°C
VSP2264
VSP2264GSJR
Tape and reel


Similar Part No. - VSP2264

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2260Y BURR-BROWN-VSP2260Y Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2260Y/2K BURR-BROWN-VSP2260Y/2K Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2260Y/2KC BURR-BROWN-VSP2260Y/2KC Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2262 BURR-BROWN-VSP2262 Datasheet
224Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
More results

Similar Description - VSP2264

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com