Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A23166DCTR Datasheet(PDF) 2 Page - Texas Instruments

Part # TS5A23166DCTR
Description  0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166DCTR Datasheet(HTML) 2 Page - Texas Instruments

  TS5A23166DCTR Datasheet HTML 1Page - Texas Instruments TS5A23166DCTR Datasheet HTML 2Page - Texas Instruments TS5A23166DCTR Datasheet HTML 3Page - Texas Instruments TS5A23166DCTR Datasheet HTML 4Page - Texas Instruments TS5A23166DCTR Datasheet HTML 5Page - Texas Instruments TS5A23166DCTR Datasheet HTML 6Page - Texas Instruments TS5A23166DCTR Datasheet HTML 7Page - Texas Instruments TS5A23166DCTR Datasheet HTML 8Page - Texas Instruments TS5A23166DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
Absolute Maximum Ratings
(1) (2)
TS5A23166
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
SCDS196 – MAY 2005
SUMMARY OF CHARACTERISTICS(1)
Dual Single Pole, Single Throw
Configuration
(2
× SPST)
Number of channels
2
ON-state resistance (ron)
0.9
ON-state resistance match (
∆r
on)
0.1
ON-state resistance flatness (ron(flat))
0.25
Turn-on/turn-off time (tON/tOFF)
7.5 ns/9 ns
Charge injection (QC)
6 pC
Bandwidth (BW)
150 MHz
OFF isolation (OISO)
–62 dB at 1 MHz
Crosstalk (XTALK)
–85 dB at 1 MHz
Total harmonic distortion (THD)
0.005%
Leakage current (ICOM(OFF))
±20 nA
Power-supply current (I+)
0.1
µA
Package option
8-pin VSSOP
(1)
V+ = 5 V, TA = 25°C
FUNCTION TABLE
NO TO COM,
IN
COM TO NO
L
OFF
H
ON
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VNO
Analog voltage range(3)(4)(5)
–0.5
V+ + 0.5
V
VCOM
IK
Analog port diode current
VNO, VCOM < 0
–50
mA
On-state switch current
–200
200
INO
VNO, VCOM = 0 to V+
mA
ICOM
On-state peak switch current(6)
–400
400
VI
Digital input voltage range(3)(4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
100
mA
DCT package
220
DCU package
227
θ
JA
Package thermal impedance(7)
°C/W
YEA/YZA package
140
YEP/YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration < 10% duty cycle.
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
2


Similar Part No. - TS5A23166DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23166DCUR TI-TS5A23166DCUR Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI1-TS5A23166DCUR Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCURE4 TI1-TS5A23166DCURE4 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURG4 TI-TS5A23166DCURG4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Similar Description - TS5A23166DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com