Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS29F010 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS29F010
Description  131072 BY 8-BIT FLASH MEMORY
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS29F010 Datasheet HTML 5Page - Texas Instruments TMS29F010 Datasheet HTML 6Page - Texas Instruments TMS29F010 Datasheet HTML 7Page - Texas Instruments TMS29F010 Datasheet HTML 8Page - Texas Instruments TMS29F010 Datasheet HTML 9Page - Texas Instruments TMS29F010 Datasheet HTML 10Page - Texas Instruments TMS29F010 Datasheet HTML 11Page - Texas Instruments TMS29F010 Datasheet HTML 12Page - Texas Instruments TMS29F010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TMS29F010
131072 BY 8-BIT
FLASH MEMORY
SMJS840A – NOVEMBER 1997 – REVISED JUNE 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
operation status
status bit definitions
During operation of the embedded program and erase functions, the status of the device can be determined
by reading the data state of designated outputs. The data-polling bit (DQ7) and toggle-bit (DQ6) require multiple
successive reads to observe a change in the state of the designated output. Table 4 defines the values of the
status flags.
Table 4. Operation Status Flags
Device Operation‡
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Byte-programming in progress
DQ7
T
0
X
0
X
X
X
Byte-programming exceed time limit
DQ7
T
1
X
0
X
X
X
Byte-programming complete
D
D
D
D
D
D
D
D
Sector / chip-erase in progress
0
T
0
X
1
X
X
X
Sector / chip-erase exceed time limit
0
T
1
X
1
X
X
X
Sector / chip-erase complete
1
1
1
1
1
1
1
1
† T= toggle, D = data, X = data undefined, DQ7 = complement of data written to DQ7
‡ DQ4, DQ2, DQ1, DQ0 are reserved for future use.
data-polling (DQ7)
The data-polling status function outputs the complement of the data latched into the DQ7 data register while
the write-state machine (WSM) is engaged in a program or erase operation. Data bit DQ7 changes from
complement to true to indicate the end of an operation. Data polling is available only during the
byte-programming, chip-erase, sector-erase, and sector-erase timing delay. Data polling is valid after the rising
edge of W in the last bus cycle of the command sequence loaded into the command register. Figure 10 shows
a flow chart of the data-polling operation.
During a byte-program operation, reading DQ7 outputs the complement of the DQ7 data to be programmed at
the selected address location. Upon completion, reading DQ7 outputs the true DQ7 data loaded into the
program data register. During erase operations, reading DQ7 outputs a logic 0, and upon completion, reading
DQ7 outputs a logic 1. Also, data polling must be performed at a sector address that is within a sector being
erased; otherwise, the status is not valid. When using data polling, the address must remain stable throughout
the operation.
During a data-polling read, while G is low, DQ7 can change asynchronously with the other DQs. Depending on
the read timing, the system can read valid data on DQ7, while other DQ pins are still invalid. The data on
DQ0–DQ7 is valid with a subsequent read of the device. See Figure 11 for the data-polling timing diagram.
toggle-bit (DQ6)
The toggle-bit status function outputs data on DQ6 that toggles between logic 1 and logic 0 while the WSM is
engaged in a program or erase operation. When toggle-bit DQ6 stops toggling after two consecutive reads to
the same address, the operation is complete. The toggle bit is available only during the byte-programming,
chip-erase, sector-erase, and sector-erase timing delay. Toggle bit data is valid after the rising edge of W in the
last bus cycle of the command sequence loaded into the command register. Figure 12 shows a flow chart for
the toggle-bit status-read algorithm. Depending on the read timing, DQ6 can stop toggling while other DQ pins
are still invalid. The data on DQ0–DQ7 is valid with a subsequent read of the device. Figure 13 shows the
toggle-bit timing diagram.


Similar Part No. - TMS29F010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F010 TI1-TMS29F010 Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
TMS29F010-12C5FME TI1-TMS29F010-12C5FME Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
TMS29F010-12C5FML TI1-TMS29F010-12C5FML Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
TMS29F010-70C5FME TI1-TMS29F010-70C5FME Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
TMS29F010-70C5FML TI1-TMS29F010-70C5FML Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
More results

Similar Description - TMS29F010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
HN28F101 ETC-HN28F101 Datasheet
106Kb / 18P
   131072-word x 8-bit CMOS Flash Memory
logo
Texas Instruments
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS28F512A TI-TMS28F512A Datasheet
311Kb / 21P
[Old version datasheet]   65536 BY 8-BIT FLASH MEMORY
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
logo
Sanyo Semicon Device
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com