Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV990-13 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV990-13
Description  3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV990-13 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV990-13 Datasheet HTML 6Page - Texas Instruments TLV990-13 Datasheet HTML 7Page - Texas Instruments TLV990-13 Datasheet HTML 8Page - Texas Instruments TLV990-13 Datasheet HTML 9Page - Texas Instruments TLV990-13 Datasheet HTML 10Page - Texas Instruments TLV990-13 Datasheet HTML 11Page - Texas Instruments TLV990-13 Datasheet HTML 12Page - Texas Instruments TLV990-13 Datasheet HTML 13Page - Texas Instruments TLV990-13 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLV990-13
3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
SLAS282 – JULY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
CCDIN
VIDEOIN
AVDD2
AGND2
DGND
DVDD
D0
D1
D2
D3
D4
D5
BLKG
CLVDO
ADDOS
AVDD4
AGND4
OBCLP
STBY
RESET
CS
SDIN
SCLK
SDCCLK
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
33
34
35
36
48 47 46 45 44 43 42 41 40 39 38 37
Inputs
Inputs
Inputs
0.1
µF
AVDD
1
µF
1
µF
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
Inputs
0.1
µF
AVDD
0.1
µF
AVDD
Area
CCD
Video
Signal
0.1
µF
0.1
µF
0.1
µF
AVDD
0.1
µF
DVDD
0.1
µF
0.1
µF
DIVDD
AVDD
Analog GND
Digital GND
AVDD – 3 V
DVDD – 3 V
DIVDD – 1.8 V to 4.4 V
D (0–9)
TLV990–13PFB
NOTE: All analog outputs should be buffered if the load is resistive, or if the load is capacitive and greater than 2-pF.
Figure 5. Typical Application Connection


Similar Part No. - TLV990-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-13 TI1-TLV990-13 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13PFB TI1-TLV990-13PFB Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13PFBG4 TI1-TLV990-13PFBG4 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
More results

Similar Description - TLV990-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
[Old version datasheet]   3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV986 TI-TLV986 Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLV987 TI-TLV987 Datasheet
262Kb / 20P
[Old version datasheet]   3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com