Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-301Y-0K300 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDSP-301Y-0K300
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-301Y-0K300 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDSP-301Y-0K300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-301Y-0K300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
These slim font seven segment
displays incorporate a new slim
font character design. This slim
font features narrow width,
specially mitered segments to
give a fuller appearance to the
illuminated character. Faces of
these displays are painted a
neutral gray for enhanced on/off
contrast.
Agilent HDSP-301x/303x Series
HDSP-561x/563x Series
10 mm and 13 mm Slim Font
Seven Segment Displays
Data Sheet
Features
• Excellent appearance
• Slim font design
• Mitered corners, evenly
illuminated segments
• Gray face for optimum on/off
contrast
• Choice of colors: HER, green,
yellow, and AlGaAs
• Choice of character size: 10 mm
and 13 mm
• Characterized for luminous
intensity
Devices
HER
Green
Yellow
AlGaAs
HDSP-
HDSP-
HDSP-
HDSP-
Description
301E
301G
301Y
301A
Common Anode, 10 mm Display
303E
303G
303Y
303A
Common Cathode, 10 mm Display
561E
561G
561Y
561A
Common Anode, 13 mm Display
563E
563G
563Y
563A
Common Cathode, 13 mm Display
All devices are available in either
common anode or common
cathode configuration with right
hand decimal point.


Similar Part No. - HDSP-301Y-0K300

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-301Y HP-HDSP-301Y Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301Y AVAGO-HDSP-301Y Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-301Y-0K300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com