Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUCC3801P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUCC3801P
Description  Current-mode PWM controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUCC3801P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PUCC3801P Datasheet HTML 2Page - NXP Semiconductors PUCC3801P Datasheet HTML 3Page - NXP Semiconductors PUCC3801P Datasheet HTML 4Page - NXP Semiconductors PUCC3801P Datasheet HTML 5Page - NXP Semiconductors PUCC3801P Datasheet HTML 6Page - NXP Semiconductors PUCC3801P Datasheet HTML 7Page - NXP Semiconductors PUCC3801P Datasheet HTML 8Page - NXP Semiconductors PUCC3801P Datasheet HTML 9Page - NXP Semiconductors PUCC3801P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
PUCC3801
Current-mode PWM controller
Product data
Rev. 01 — 10 September 2001
6 of 16
9397 750 08419
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
When VDD rises above 10 V, VREG rises to 6 V and the operating supply current
increases to typically 1.2 mA. The device starts normal operation and output pulses
are produced.
The over-voltage trip sequence is initiated if VDD rises above 14 V. When this
happens, the output pulses are disabled, VREG is reduced gradually to 3 V, and the
output of the over-voltage latch goes HIGH.
The device remains in the over-voltage lockout mode until VDD falls below 5 V.
Input voltage clamp: VDD is clamped to a maximum of 16.5 V. The size of the
external resistor must be sufficient to ensure that the current into the VDD pin never
exceeds 15 mA.
7.2.2
Controller section
Oscillator: The internal oscillator generates a 75% duty cycle digital clock to the
output latch, and a 100 kHz voltage ramp to the PWM circuit. The frequency is
modulated by approximately 20% by a Pseudo Random Binary Sequence (PRBS)
that repeats every 15 cycles. This spreads the electromagnetic interference produced
by the power supply over a narrow band of frequencies centered on 100 kHz. This
reduces the amplitude of the harmonics in the interference spectrum.
Error amplifier: This section senses one of the various feedback methods used to
control the output duty cycle. It contains an operational transconductance amplifier
(ERRAMP), that can be externally compensated at the COMP pin. The reference
input of ERRAMP is connected to a 2.5 V reference voltage. The FB input is internally
connected to a voltage divider from VDD. If the FB pin is not connected, the device will
tend to regulate VDD to 12 V.
The output of the error amplifier is connected to the PWM section by a voltage divider
with a gain of 0.4 and an output impedance of 100 k
Ω.
PWM: The PWM section includes a current sense input from the CSNS pin, a
low-pass filter, summing amplifier, a high-speed comparator and logic. This section
sums the analog ramp from the oscillator with the voltage on the CSNS pin. This
signal is fed to a comparator that triggers on the falling edge of the PWM clock signal.
This provides line compensation and load regulation. The internal slope
compensation function removes the need for external components to generate a
ramp signal that is added to the current sense signal.
A fast over-current path is provided from CSNS to OUT with a typical propagation
delay of 170 ns.
Output driver: This section is a high-speed, high-current output stage capable of
driving the gate of a large power FET. Typical rise and fall times are 160 ns and
150 ns respectively into a 2 nF load.


Similar Part No. - PUCC3801P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PUCC33420QRAQRQ1 TI1-PUCC33420QRAQRQ1 Datasheet
574Kb / 8P
[Old version datasheet]   UCC33420-Q1 Ultra-Small, Low-EMI, Efficient 3kVRMS Basic Isolation DC/DC Power Module
JANUARY 2024
PUCC33420RAQR TI1-PUCC33420RAQR Datasheet
575Kb / 9P
[Old version datasheet]   UCC33420 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
FEBRUARY 2024
More results

Similar Description - PUCC3801P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com