Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH05060WAS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05060WAS
Description  10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05060WAS Datasheet(HTML) 1 Page - Texas Instruments

  PTH05060WAS Datasheet HTML 1Page - Texas Instruments PTH05060WAS Datasheet HTML 2Page - Texas Instruments PTH05060WAS Datasheet HTML 3Page - Texas Instruments PTH05060WAS Datasheet HTML 4Page - Texas Instruments PTH05060WAS Datasheet HTML 5Page - Texas Instruments PTH05060WAS Datasheet HTML 6Page - Texas Instruments PTH05060WAS Datasheet HTML 7Page - Texas Instruments PTH05060WAS Datasheet HTML 8Page - Texas Instruments PTH05060WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
For technical support and further information visit http://power.ti.com
10-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS216B – MAY 2003 – REVISED DECEMBER 2003
Standard Application
Features
Up to 10-A Output Current
5-V Input Voltage
Wide-Output Voltage Adjust
(0.8 V to 3.6 V)
Efficiencies up to 96 %
150 W/in³ Power Density
On/Off Inhibit
Output Voltage Sense
Pre-Bias Startup
Margin Up/Down Controls
Under-Voltage Lockout
Auto-Track™ Sequencing
Output Over-Current Protection
(Non-Latching, Auto-Reset)
Operating Temp: –40 to +85 °C
DSP Compatible Output Voltages
Safety Agency Approvals:
UL 1950, CSA 22.2 950, EN60950
VDE (Pending)
Point-of-Load Alliance (POLA)
Compatible
Description
The PTH05060W non-isolated power
module is small in size but big on per-
formance and flexibility. Its high output
current, compact footprint, and industry-
leading features offers system designers
a versatile module for powering complex
multi-processor digital systems.
This product employs double-sided
surface mount construction and provides
high-performance step-down power
conversion for up to 10 A of output cur-
rent from a 5-V input bus voltage. The
output voltage is adjustable and can be set
to any value over the range, 0.8 V to 3.6 V,
using a single resistor.
This series includes Auto-Track™
Sequencing. Auto-Track simplifies the
task of supply voltage sequencing in a
power system by enabling modules to
track each other, or any external voltage,
during power up and power down.
Other operating features include an
on/off inhibit, margin up/down controls,
and the ability to start up into an existing
output voltage or prebias. To ensure tight
load regulation, an output voltage sense
is also provided. A non-latching over-
current trip serves as load fault protection.
Target applications include complex
multi-voltage, multi-processor systems
that incorporate the industry’s high-speed
DSPs, micro-processors and bus drivers.
Auto-Track™
Sequencing
Pin Configuration
Pin
Function
1
GND
2Vin
3
Inhibit *
4Vo Adjust
5Vo Sense
6Vout
7
GND
8
Track
9
Margin Down *
10
Margin Up *
* Denotes negative logic:
Open
= Normal operation
Ground = Function active
NOMINAL SIZE =
1 in x 0.62 in
(25,4 mm x 15,75 mm)
PTH05060W —5-V Input
Margin Up
Margin Down
V
IN
L
O
A
D
C
IN
330 µF
(Required)
C
OUT
330 µF
(Optional)
Inhibit
GND
GND
V
OUT
V
o Sense
Track
R
SET
1 %, 0.1 W
(Required)
PTH05060W
(Top View)
1
2
10
9
8
7
6
5
4
3
Rset = Required to set the output voltage to a value
higher than 0.8 V. (See spec. table for values)
Cin = Required 330 µF capacitor
Cout = Optional 330 µF capacitor


Similar Part No. - PTH05060WAS

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH05060WAS ARTESYN-PTH05060WAS Datasheet
341Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH05060WAS EMERSON-NETWORKPOWER-PTH05060WAS Datasheet
341Kb / 4P
   DC-DC CONVERTERS
logo
Artesyn Technologies
PTH05060WAST ARTESYN-PTH05060WAST Datasheet
341Kb / 4P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH05060WAST EMERSON-NETWORKPOWER-PTH05060WAST Datasheet
341Kb / 4P
   DC-DC CONVERTERS
More results

Similar Description - PTH05060WAS

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH10T05 ASTEC-ATH10T05 Datasheet
403Kb / 14P
   10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH05060W TI-PTH05060W_15 Datasheet
577Kb / 19P
[Old version datasheet]   10-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
[Old version datasheet]   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05020W TI-PTH05020W Datasheet
516Kb / 17P
[Old version datasheet]   22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W Datasheet
297Kb / 16P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05020W TI-PTH05020W_15 Datasheet
381Kb / 19P
[Old version datasheet]   22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH22T05 ASTEC-ATH22T05 Datasheet
402Kb / 14P
   22-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com