Electronic Components Datasheet Search |
|
BLM18BA470SN1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
BLM18BA470SN1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 18 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 Continued from the preceding page. Continued on the following page. 0603 0805 For High Speed Signal (Sharp impedance characteristics) For Digital Interface For Large Current For Standard GHz Range For Standard For High Speed Signal For Digital Interface For Standard (Low DC Resistance Type) 150 ±25% 220 ±25% 330 ±25% 420 ±25% 470 ±25% 600 ±25% 1000 ±25% 1500 ±25% 1800 ±25% 2200 ±25% 2500 ±25% 120 ±25% 220 ±25% 470 ±25% 600 ±25% 1000 ±25% 30 (Typ.) 33 ±25% 60 (Typ.) 120 ±25% 180 ±25% 470 ±25% 600 ±25% 1000 ±25% 120 ±25% 220 ±25% 330 ±25% 470 ±25% 600 ±25% 1000 ±25% 330 ±25% 470 ±25% 600 ±25% 1000 ±25% 100 ±25% 120 ±25% 220 ±25% 330 ±25% 390 ±25% 470 ±25% 600 ±25% 470 ±25% 120 ±25% 150 ±25% 220 ±25% 330 ±25% 470 ±25% 600 ±25% 1000 ±25% 200 50 200 200 100 50 200 1000 3000* 500 2000* 1500* 200 100 200 100 50 100 50 200 100 50 2000* 2000* 1000 500 500 500 500 100 200 BLM18BB151SN1 BLM18BD151SN1 BLM18BB221SN1 BLM18BD221SN1 BLM18BB331SN1 BLM18BD331SN1 BLM18BD421SN1 BLM18BB471SN1 BLM18BD471SN1 BLM18BD601SN1 BLM18BD102SN1 BLM18BD152SN1 BLM18BD182SN1 BLM18BD222SN1 BLM18BD252SN1 BLM18RK121SN1 BLM18RK221SN1 BLM18RK471SN1 BLM18RK601SN1 BLM18RK102SN1 BLM18PG300SN1 BLM18PG330SN1 BLM18PG600SN1 BLM18PG121SN1 BLM18PG181SN1 BLM18HG471SN1 BLM18HG601SN1 BLM18HG102SN1 BLM18HB121SN1 BLM18HB221SN1 BLM18HB331SN1 BLM18HD471SN1 BLM18HD601SN1 BLM18HD102SN1 BLM18HK331SN1 BLM18HK471SN1 BLM18HK601SN1 BLM18HK102SN1 BLM18EG101TN1 BLM18EG121SN1 BLM18EG221TN1 BLM18EG331TN1 BLM18EG391TN1 BLM18EG471SN1 BLM18EG601SN1 BLM18GG471SN1 BLM21AG121SN1 BLM21AG151SN1 BLM21AG221SN1 BLM21AG331SN1 BLM21AG471SN1 BLM21AG601SN1 BLM21AG102SN1 Type Size (EIA Code) at 100MHz - - - - - - - - - - - - - - - - - - - - - - - - - 600 (Typ.) 700 (Typ.) 1000 (Typ.) 500 ±40% 1100 ±40% 1600 ±40% 1000 (Typ.) 1200 (Typ.) 1700 (Typ.) 400 ±40% 600 ±40% 700 ±40% 1200 ±40% 140 (Typ.) 145 (Typ.) 300 (Typ.) 450 (Typ.) 520 (Typ.) 550 (Typ.) 700 (Typ.) 1800 ±30% - - - - - - - at 1GHz Impedance ( Ω) Rated Current (mA) Part Number * Please see P.53 "Derating of Rated Current". 17 Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. !Note C31E12.pdf 04.8.30 |
Similar Part No. - BLM18BA470SN1 |
|
Similar Description - BLM18BA470SN1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |