Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P60A24S12P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # P60A24S12P
Description  60W DC-DC Converter P60A-Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P60A24S12P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  P60A24S12P Datasheet HTML 1Page - List of Unclassifed Manufacturers P60A24S12P Datasheet HTML 2Page - List of Unclassifed Manufacturers P60A24S12P Datasheet HTML 3Page - List of Unclassifed Manufacturers P60A24S12P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
60W DC-DC Converter P60A-Series
Pin connections
Trimming
Pin
Single
Dual
Triple
1
Omitted
Omitted
Omitted
2
- Input
- Input
- Input
3
- Input
- Input
- Input
4
+ Input
+ Input
+ Input
5
+ Input
+ Input
+ Input
6
Remote CTRL
Remote CTRL
Remote CTRL
7
NC
NC
NC
8
- Output
- Sense / Trim up
- Sense / Trim up
9
- Output
- Output
- Output
10
+ Output
+ Output
+ Output
11
+ Output
+ Sense/ trim down
+ Sense/ trim down
12
- Sense / Trim up
- Output 2
- Output 2
13
TRIM
TRIM
Common –Vo 2 & +Vo 3
14
+ Sense/ trim down
+ Output 2
+ Output 3
Dimensions
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstraße 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
Life Support Policy
: HY-LINE does not authorize the use of any of its products for use in life support devices or systems without the express
written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the
user. Rev: 11 / 2004 f
14
12
13
TRIM UP
TRIM DOWN
Page 4 of 4


Similar Part No. - P60A24S12P

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P60A2405S HY-LINE-P60A2405S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A2412S HY-LINE-P60A2412S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A2415S HY-LINE-P60A2415S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
More results

Similar Description - P60A24S12P

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com