Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H561638D-TCC4 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4H561638D-TCC4
Description  256Mb D-die DDR400 SDRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638D-TCC4 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4H561638D-TCC4 Datasheet HTML 6Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 7Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 8Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 9Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 10Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 11Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 12Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 13Page - Samsung semiconductor K4H561638D-TCC4 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DDR SDRAM
DDR SDRAM 256Mb D-die (x8, x16)
Rev. 1.1 Feb. 2003
DDR SDRAM Spec Items & Test Conditions
Conditions
Symbol
Conditions
Symbol
Operating current - One bank Active-Precharge;
tRC=tRCmin; tCK=5ns for DDR400; DQ,DM and DQS inputs changing once per clock cycle;
address and control inputs changing once every two clock cycles; CS = high between valid commands.
IDD0
Operating current - One bank operation ; One bank open, BL=4, Reads
- Refer to the following page for detailed test condition; CS = high between valid commands.
IDD1
Percharge power-down standby current; All banks idle; power - down mode; CKE = <VIL(max); tCK=5ns for
DDR400; Vin = Vref for DQ,DQS and DM.
IDD2P
Precharge Floating standby current; CS# > =VIH(min);All banks idle; CKE > = VIH(min); tCK=5ns for DDR400;
Address and other control inputs changing once per clock cycle; Vin = Vref for DQ,DQS and DM
IDD2F
Precharge Quiet standby current; CS# > = VIH(min); All banks idle;
CKE > = VIH(min); tCK=5ns for DDR400; Address and other control inputs stable at >= VIH(min) or =<VIL(max);
Vin = Vref for DQ ,DQS and DM
IDD2Q
Active power - down standby current ; one bank active; power-down mode; CKE=< VIL (max); tCK=5ns
DDR400; Vin = Vref for DQ,DQS and DM
IDD3P
Active standby current; CS# >= VIH(min); CKE>=VIH(min);
one bank active; active - precharge; tRC=tRASmax; tCK=5ns for DDR400; DQ, DQS and DM inputs changing twice
per clock cycle; address and other control inputs changing once per clock cycle
IDD3N
Operating current - burst read; Burst length = 2; reads; continguous burst; One bank active; address and control
inputs changing once per clock cycle; CL=3 at 5ns for DDR400; 50% of data changing on every transfer; lout = 0 m
A
IDD4R
Operating current - burst write; Burst length = 2; writes; continuous burst;
One bank active address and control inputs changing once per clock cycle; CL=3 at tCK=5ns for DDR400; DQ, DM
and DQS inputs changing twice per clock cycle, 50% of input data changing at every transfer
IDD4W
Auto refresh current; tRC = tRFC(min) - 14*tCK for DDR400 at tCK=5ns;
IDD5
Self refresh current; CKE =< 0.2V; External clock on; tCK = 5ns for DDR400.
IDD6
Input/Output Capacitance
(VDD=2.6, VDDQ=2.6V, TA= 25°C, f=1MHz)
Parameter
Symbol
Min
Max
Delta
Unit
Note
Input capacitance
(A0 ~ A12, BA0 ~ BA1, CKE, CS, RAS,CAS, WE)
CIN1
2
3
0.5
pF
4
Input capacitance( CK, CK )CIN2
2
3
0.25
pF
4
Data & DQS input/output capacitance
COUT
4
5
0.5
pF
1,2,3,4
Input capacitance(DM for 8, UDM/LDM for x16)
CIN3
4
5
pF
1,2,3,4
1.These values are guaranteed by design and are tested on a sample basis only.
2. Although DM is an input -only pin, the input capacitance of this pin must model the input capacitance of the DQ and DQS pins.
This is required to match signal propagation times of DQ, DQS, and DM in the system.
3. Unused pins are tied to ground.
4. This parameteer is sampled. VDDQ = +2.6V +0.1V, VDD = +2.6V +0.1V, f=100MHz, tA=25
°C, Vout(dc) =
VDDQ/2, Vout(peak to peak) = 0.2V. DM inputs are grouped with I/O pins - reflecting the fact that they are matched in loading
(to facilitate trace matching at the board level).
Note :


Similar Part No. - K4H561638D-TCC4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638D-TC/LA0 SAMSUNG-K4H561638D-TC/LA0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LA2 SAMSUNG-K4H561638D-TC/LA2 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB0 SAMSUNG-K4H561638D-TC/LB0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB3 SAMSUNG-K4H561638D-TC/LB3 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TCA0 SAMSUNG-K4H561638D-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H561638D-TCC4

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com