Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P60A12S15P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P60A12S15P
Description  60W DC-DC Converter P60A-Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P60A12S15P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P60A12S15P Datasheet HTML 1Page - List of Unclassifed Manufacturers P60A12S15P Datasheet HTML 2Page - List of Unclassifed Manufacturers P60A12S15P Datasheet HTML 3Page - List of Unclassifed Manufacturers P60A12S15P Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
60W DC-DC Converter P60A-Series
Offer single, dual and triple output
50 to 60 W Output power
2:1 Wide input voltage range
International safety standard approval
Six-Sided continuous shield
High efficiency up to 86%
Short circuit protection
Model selection guide
Input
Output 1
Output 2 (or Dual Output)
Typ
nominal
voltage
[VDC]
current
no load
[mA]
voltage
[VDC]
current
[A]
voltage
[VDC]
current
[A]
Efficiency
typ.
[%]
Output Power
[W]
Single output
P60A12S05P
9-18
20
5.0
12.0
79
60
P60A12S12P
9-18
20
12.0
5.0
82
60
P60A12S15P
9-18
20
15.0
4.0
82
60
P60A12S24P
9-18
20
24.0
2.5
84
60
P60A24S05P
18-36
15
5.0
12.0
80
60
P60A24S12P
18-36
15
12.0
5.0
84
60
P60A24S15P
18-36
15
15.0
4.0
84
60
P60A24S24P
18-36
15
24.0
2.5
85
60
P60A48S05P
36-72
10
5.0
12.0
83
60
P60A48S12P
36-72
10
12.0
5.0
85
60
P60A48S15P
36-72
10
15.0
4.0
85
60
P60A48S24P
36-72
10
24.0
2.5
86
60
Dual output
P60A12D05P
9-18
20
5.0
5.0
5.0
5.0
78
50
P60A12D12P
9-18
20
12.0
2.5
12.0
2.5
80
60
P60A12D15P
9-18
20
15.0
2.0
15.0
2.0
80
60
P60A12D512P
9-18
20
5.0
5.0
12.0
2.5
79
55
P60A24D05P
18-36
15
5.0
5.0
5.0
5.0
80
50
P60A24D12P
18-36
15
12.0
2.5
12.0
2.5
82
60
P60A24D15P
18-36
15
15.0
2.0
15.0
2.0
82
60
P60A24D512P
18-36
15
5.0
12.0
12.0
2.5
80
60
P60A48D05P
36-72
10
5.0
5.0
5.0
5.0
80
50
P60A48D12P
36-72
10
12.0
2.5
12.0
2.5
84
60
P60A48D15P
36-72
10
15.0
2.0
15.0
2.0
84
60
P60A48D512P
36-72
10
5.0
12.0
12.0
2.5
81
60
Triple output
P60A12T512P
9-18
20
5.0
5.0
± 12.0
± 1.25
78
55
P60A24T512P
18-36
15
5.0
5.0
± 12.0
± 1.25
79
55
P60A48T512P
36-72
10
5.0
5.0
± 12.0
± 1.25
80
55
Suffix "P" PCB mounting type, heat sink will be added on module.
Suffix "T" Chassis mounting type, (terminal block) heat sink or fan force cooling.
Indicate suffix when order!
Page 1 of 4
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstraße 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch


Similar Part No. - P60A12S15P

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P60A2405S HY-LINE-P60A2405S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A2412S HY-LINE-P60A2412S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A2415S HY-LINE-P60A2415S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
P60A4805S HY-LINE-P60A4805S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
More results

Similar Description - P60A12S15P

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P60A243R3S HY-LINE-P60A243R3S Datasheet
853Kb / 4P
   60 W DC-DC Converter P60A-Series
Rev: 20180919 f
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com