Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H561638D-TCCC Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4H561638D-TCCC
Description  256Mb D-die DDR400 SDRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638D-TCCC Datasheet(HTML) 4 Page - Samsung semiconductor

  K4H561638D-TCCC Datasheet HTML 1Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 2Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 3Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 4Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 5Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 6Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 7Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 8Page - Samsung semiconductor K4H561638D-TCCC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DDR SDRAM
DDR SDRAM 256Mb D-die (x8, x16)
Rev. 1.1 Feb. 2003
Pin Description
DM is internally loaded to match DQ and DQS identically.
256Mb Package Pinout
Row & Column address configuration
VDD
1
66Pin TSOPII
(400mil x 875mil)
DQ0
2
VDDQ
3
NC
4
DQ1
5
VSSQ
6
NC
7
DQ2
8
VDDQ
9
NC
10
DQ3
11
VSSQ
12
BA0
20
CS
19
RAS
18
CAS
17
WE
16
NC
15
VDDQ
14
NC
13
VDD
27
A3
26
A2
25
A1
24
A0
23
AP/A10
22
BA1
21
VSS
54
DQ7
53
VSSQ
52
NC
51
DQ6
50
VDDQ
49
NC
48
DQ5
47
VSSQ
46
NC
45
DQ4
44
VDDQ
43
A11
35
36
CKE
37
CK
38
DM
39
VREF
40
VSSQ
41
NC
42
VSS
55
A4
56
A5
57
A6
58
A7
59
A8
60
A9
34
(0.65mm Pin Pitch)
33
32
31
30
29
28
61
62
63
64
65
66
NC
NC
NC
NC
NC
VDD
NC
DQS
NC
VSS
CK
NC
A12
32Mb x 8
16Mb x 16
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
A11
CKE
CK
DM
VREF
VSSQ
NC
VSS
A4
A5
A6
A7
A8
A9
NC
DQS
NC
VSS
CK
NC
A12
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
A11
CKE
CK
UDM
VREF
VSSQ
DQ8
VSS
A4
A5
A6
A7
A8
A9
NC
UDQS
NC
VSS
CK
NC
A12
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
BA0
CS
RAS
CAS
WE
NC
VDDQ
NC
VDD
A3
A2
A1
A0
AP/A10
BA1
NC
NC
NC
NC
NC
VDD
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
BA0
CS
RAS
CAS
WE
LDM
VDDQ
DQ7
VDD
A3
A2
A1
A0
AP/A10
BA1
NC
LDQS
NC
NC
NC
VDD
Bank Address
BA0~BA1
Auto Precharge
A10
Organization
Row Address
Column Address
32Mx8
A0~A12
A0-A9
16Mx16
A0~A12
A0-A8


Similar Part No. - K4H561638D-TCCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638D-TC/LA0 SAMSUNG-K4H561638D-TC/LA0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LA2 SAMSUNG-K4H561638D-TC/LA2 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB0 SAMSUNG-K4H561638D-TC/LB0 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TC/LB3 SAMSUNG-K4H561638D-TC/LB3 Datasheet
235Kb / 25P
   256Mb
K4H561638D-TCA0 SAMSUNG-K4H561638D-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
More results

Similar Description - K4H561638D-TCCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com