Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM15HG102SN1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLM15HG102SN1
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15HG102SN1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLM15HG102SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM15HG102SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
!BLM Series
* Please see P.58 "Derating of Rated Current".
Continued on the following page.
Type
Size (EIA Code)
0402
0603
For Standard
For High Speed Signal
(Sharp impedance characteristics)
For Large Current
For Standard
For High Speed Signal
(Sharp impedance characteristics)
Impedance (
Ω)
at 100MHz
at 1GHz
10 (Typ.)
70 (Typ.)
120
±25%
220
±25%
600
±25%
1000
±25%
600
±25%
1000
±25%
5
±25%
10
±25%
22
±25%
47
±25%
75
±25%
120
±25%
220
±25%
75
±25%
120
±25%
220
±25%
470
±25%
600
±25%
1000
±25%
1800
±25%
10 (Typ.)
600
±25%
1000
±25%
600
±25%
1000
±25%
1800
±25%
120
±25%
220
±25%
120
±25%
150
±25%
220
±25%
330
±25%
470
±25%
600
±25%
1000
±25%
5
±25%
10
±25%
22
±25%
47
±25%
60
±25%
75
±25%
120
±25%
140
±25%
-
-
-
-
-
-
140 (Typ.)
300 (Typ.)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1000
±40%
1400
±40%
1400
±40%
2000
±40%
2700
±40%
145 (Typ.)
270 (Typ.)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Rated Current (mA)
1000
500
300
200
300
200
500
300
200
300
200
100
1000
300
250
300
250
200
1500*
700*
200
100
500
700
500
300
500
200
300
200
200
Part Number
BLM15AG100SN1
BLM15AG700SN1
BLM15AG121SN1
BLM15AG221SN1
BLM15AG601SN1
BLM15AG102SN1
BLM15AG601AN1
BLM15AG102AN1
BLM15BB050SN1
BLM15BB100SN1
BLM15BB220SN1
BLM15BB470SN1
BLM15BB750SN1
BLM15BB121SN1
BLM15BB221SN1
BLM15BD750SN1
BLM15BD121SN1
BLM15BD221SN1
BLM15BD471SN1
BLM15BD601SN1
BLM15BD102SN1
BLM15BD182SN1
BLM15PG100SN1
BLM15HG601SN1
BLM15HG102SN1
BLM15HD601SN1
BLM15HD102SN1
BLM15HD182SN1
BLM15EG121SN1
BLM15EG221SN1
BLM18AG121SN1
BLM18AG151SN1
BLM18AG221SN1
BLM18AG331SN1
BLM18AG471SN1
BLM18AG601SN1
BLM18AG102SN1
BLM18BA050SN1
BLM18BB050SN1
BLM18BA100SN1
BLM18BB100SN1
BLM18BA220SN1
BLM18BB220SN1
BLM18BA470SN1
BLM18BB470SN1
BLM18BB600SN1
BLM18BA750SN1
BLM18BB750SN1
BLM18BA121SN1
BLM18BB121SN1
BLM18BD121SN1
BLM18BB141SN1
0201
For Standard
10 (Typ.)
70 (Typ.)
120
±25%
240
±25%
-
-
-
-
500
200
200
100
BLM03AG100SN1
BLM03AG700SN1
BLM03AG121SN1
BLM03AG241SN1
GHz Range
For Standard
For High Speed
Signal
For Standard
(Low DC
Resistance Type)
16
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - BLM15HG102SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15HG102SN1 MURATA-BLM15HG102SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM15HG102SN1 MURATA-BLM15HG102SN1 Datasheet
187Kb / 3P
   Chip Ferrite Bead for GHz Noise
BLM15HG102SN1 MURATA-BLM15HG102SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM15HG102SN1 MURATA-BLM15HG102SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM15HG102SN1 MURATA-BLM15HG102SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
More results

Similar Description - BLM15HG102SN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com