Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-303Y-IK000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 5082-303Y-IK000
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-303Y-IK000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  5082-303Y-IK000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-303Y-IK000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HDSP-301x/303x Series
Pin
Function
1G
2F
3
Common A/C
4E
5D
6DP
7C
8
Common A/C
9B
10
A
12.80
± 0.25
(0.504)
7.00
± 0.25
(0.276)
6.40
± 0.25
(0.252)
10.40 MIN.
(0.409)
LUMINOUS
INTENSITY
CATEGORY
PIN 6
NOTE: QDSP-399G DOES NOT HAVE PIN 6.
COUNTRY
OF ORIGIN
COLOR BIN
DATE CODE
9.70
± 0.25
(0.382)
TOP SIDE
FRONT VIEW
RIGHT SIDE
0.30
± 0.05
(0.012)
7.62
± 0.38
(0.300)
1.20
(0.047)
Ø
6.00
(0.236)
10.00
°
0.90
(0.035)
10.00
(0.394)
1.85
(0.073)
4 x 2.54
(0.400)
0.53
± 0.05
(0.021)
2.54
± 0.38
(0.100)
A
DP
B
C
F
E
G
D
1
2
3
4
5
10
9
8
7
6
+
+
+
+
+
+
+
+
+
+


Similar Part No. - 5082-303Y-IK000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-3039 HP-5082-3039 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3039 ASI-5082-3039 Datasheet
28Kb / 1P
   SILICON PIN DIODE
logo
AVAGO TECHNOLOGIES LIMI...
5082-3039 AVAGO-5082-3039 Datasheet
161Kb / 4P
   Large Dynamic Range
More results

Similar Description - 5082-303Y-IK000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com