Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-301Y-0I000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 5082-301Y-0I000
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-301Y-0I000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 5082-301Y-0I000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-301Y-0I000 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
AlGaAs
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
301/303A Luminous Intensity/Segment
IV
0.320
0.505
mcd
IF = 1 mA
(Digit Average)
Forward Voltage/Segment
VF
1.80
2.20
V
IF = 20 mA
or DP
Peak Wavelength
λPEAK
660
nm
IF = 20 mA
Dominant Wavelength
λd
643
nm
IF = 20 mA
Reverse Current
IR
100
µAVR = 5 V
Thermal Resistance LED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin
Yellow
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
561/563Y
Luminous Intensity/Segment
IV
2.00
3.526
mcd
IF = 10 mA
(Digit Average)
Forward Voltage/Segment
VF
2.15
2.50
V
IF = 20 mA
or DP
Peak Wavelength
λPEAK
589
nm
IF = 20 mA
Dominant Wavelength
λd
590
nm
IF = 20 mA
Reverse Current
IR
100
µAVR = 5 V
Thermal Resistance LED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin
Notes:
1. Typical specification for reference only. Do not exceed absolute maximum ratings.
2. The dominant wavelength,
λ, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
AlGaAs
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
561/563A Luminous Intensity/Segment
IV
0.506
0.878
mcd
IF = 1 mA
(Digit Average)
Forward Voltage/Segment
VF
1.80
2.20
V
IF = 20 mA
or DP
Peak Wavelength
λPEAK
660
nm
IF = 20 mA
Dominant Wavelength
λd
643
nm
IF = 20 mA
Reverse Current
IR
100
µAVR = 5 V
Thermal Resistance LED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin
Notes:
1. Typical specification for reference only. Do not exceed absolute maximum ratings.
2. The dominant wavelength,
λ, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.


Similar Part No. - 5082-301Y-0I000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-3001 HP-5082-3001 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3001 ASI-5082-3001 Datasheet
16Kb / 1P
   SILICON PIN DIODE
logo
AVAGO TECHNOLOGIES LIMI...
5082-3001 AVAGO-5082-3001 Datasheet
161Kb / 4P
   Large Dynamic Range
logo
Agilent(Hewlett-Packard...
5082-3039 HP-5082-3039 Datasheet
41Kb / 4P
   PIN Diodes for RF Switching and Attenuating
logo
Advanced Semiconductor
5082-3039 ASI-5082-3039 Datasheet
28Kb / 1P
   SILICON PIN DIODE
More results

Similar Description - 5082-301Y-0I000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com