Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28W320FSU-ZA Datasheet(PDF) 8 Page - STMicroelectronics

Part # M28W320FSU-ZA
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FSU-ZA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M28W320FSU-ZA Datasheet HTML 4Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 5Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 6Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 7Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 8Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 9Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 10Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 11Page - STMicroelectronics M28W320FSU-ZA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
M28W320FSU, M28W640FSU
8/49
Figure 5. M28W320FSU and M28W640FSU Block Addresses
Note: 1. Also see APPENDIX A., Tables 21 and 20 for a full listing of the Block Addresses.
Figure 6. Protection Register Memory Map
AI10661
64 KWords
3FFFFFh
3F0000h
64 KWords
01FFFFh
010000h
64 KWords
00FFFFh
000000h
M28W320FSU
Block Addresses
3E0000h
Total of 64
1 Mbit Uniform Blocks
M28W640FSU
Block Addresses
64 KWords
3EFFFFh
64 KWords
1FFFFFh
1F0000h
64 KWords
01FFFFh
010000h
64 KWords
00FFFFh
000000h
1E0000h
Total of 32
1 Mbit Uniform Blocks
64 KWords
1EFFFFh
AI05520b
User Programmable OTP
Unique device number
Protection Register Lock
1
0
8Ch
85h
84h
81h
80h
PROTECTION REGISTER


Similar Part No. - M28W320FSU-ZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320FSB STMICROELECTRONICS-M28W320FSB Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
M28W320FSB70ZA1 STMICROELECTRONICS-M28W320FSB70ZA1 Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
M28W320FSB70ZA1E STMICROELECTRONICS-M28W320FSB70ZA1E Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
M28W320FSB70ZA1F STMICROELECTRONICS-M28W320FSB70ZA1F Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
M28W320FSB70ZA1T STMICROELECTRONICS-M28W320FSB70ZA1T Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
More results

Similar Description - M28W320FSU-ZA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640FST STMICROELECTRONICS-M28W640FST Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M30LW128D STMICROELECTRONICS-M30LW128D Datasheet
860Kb / 57P
   128 Mbit (two 64Mbit, x8/x16, Uniform Block, Flash Memories) 3V Supply, Multiple Memory Product
February 2003
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com