Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7B22 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B22
Description  Isolated High Level Voltage Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B22 Datasheet(HTML) 3 Page - Analog Devices

  7B22 Datasheet HTML 1Page - Analog Devices 7B22 Datasheet HTML 2Page - Analog Devices 7B22 Datasheet HTML 3Page - Analog Devices 7B22 Datasheet HTML 4Page - Analog Devices 7B22 Datasheet HTML 5Page - Analog Devices 7B22 Datasheet HTML 6Page - Analog Devices 7B22 Datasheet HTML 7Page - Analog Devices 7B22 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B22
Rev. 0 | Page 3 of 8
7B22 Models Available
Model
Input Range
Output Range
7B22
-10 V to +10 V
-10 V to +10 V
7B22 Specifications
(typical @ +23°C ±5°C and Vs = +24 V dc)
Description
Model 7B22
Output Range (RL > 5 kΩ)
Standard Ranges
-10 V to +10 V (-14 V to +14 V, maximum)
Custom Ranges
Not Available*
Input Range
-10 V to +10 V
Accuracy1
Initial @ +25°C
±0.01% Span (±0.1% Span, maximum)
Nonlinearity2
±0.02% Span, maximum
Span vs. Temperature
±35 ppm/°C
Output Offset vs. Temperature
±0.001% Span/°C
Input Bias Current
+3 nA
Input Resistance
Power ON
2 M
Power OFF
30 k
Ω, minimum
Output Noise
5 MHz Bandwidth
7 mV peak
10 Hz to 100 kHz Bandwidth
3 mV rms
0.1 Hz to 10 Hz Bandwidth
6 µV peak
Bandwidth, -3 dB
400 Hz
Output Rise Time, 10% to 90% Span
1 ms
Normal Mode Rejection @ 50/60 Hz
60 dB
Common-Mode Voltage (CMV)
Output-to-Input and Power
1500 V rms continuous
Common Mode Rejection (CMR)
Output-to-Input and Power @ 50/60 Hz
100 dB
Input Protection
±35 V dc, continuous
Input Transient Protection
ANSI/IEEE C376.90.1-1989
IEEE-STD 472
IEC 255-4, Class II
Output Resistance
< 1
Power Supply
Voltage Range, Operating
+19 V dc to +29 V dc
Current
+20 mA, maximum


Similar Part No. - 7B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B22 AD-7B22_15 Datasheet
535Kb / 8P
   Isolated High Level Voltage Output
REV. 0
More results

Similar Description - 7B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B22 AD-7B22_15 Datasheet
535Kb / 8P
   Isolated High Level Voltage Output
REV. 0
7B21 AD-7B21 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
7B21 AD-7B21_15 Datasheet
516Kb / 8P
   Isolated High Level Voltage Input
REV. 0
logo
NXP Semiconductors
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
logo
Texas Instruments
TXS03121 TI-TXS03121_1 Datasheet
451Kb / 12P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
TXS03121 TI-TXS03121 Datasheet
345Kb / 11P
[Old version datasheet]   COMPARATOR WITH OUTPUT VOLTAGE-LEVEL TRANSLATION
logo
Tyco Electronics
1350-2A-100.0 MACOM-1350-2A-100.0 Datasheet
320Kb / 1P
   AC Voltage Level Sensor, Relay Output
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
   Isolated output
VI-B2L-IW VICOR-VI-B2L-IW Datasheet
712Kb / 6P
   Isolated output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com