Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM0365RL Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSDM0365RL
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0365RL Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSDM0365RL Datasheet HTML 7Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 8Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 9Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 10Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 11Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 12Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 13Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 14Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FSDH321, FSDL321
11
5. Soft Start : The FPS has an internal soft start circuit that
slowly increases the feedback voltage together with the
Sense FET current after it starts up. The typical soft start
time is 15msec, as shown in Figure 8, where progressive
increments of the Sense FET current are allowed during the
start-up phase. The pulse width to the power switching
device is progressively increased to establish the correct
working conditions for transformers, inductors, and capaci-
tors. The voltage on the output capacitors is progressively
increased with the intention of smoothly establishing the
required output voltage. It also helps to prevent transformer
saturation and reduce the stress on the secondary diode.
Figure 8. Soft Start Function
6. Burst Operation : In order to minimize power dissipation
in standby mode, the FPS enters burst mode operation. As
the load decreases, the feedback voltage decreases. As
shown in Figure 9, the device automatically enters burst
mode
when
the
feedback
voltage
drops
below
VBURH(500mV). Switching still continues but the current
limit is set to a fixed limit internally to minimize flux density
in the transformer. The fixed current limit is larger than that
defined by VFB = VBURH and therefore, VFB is driven
down further. Switching continues until the feedback voltage
drops below VBURL(350mV). At this point switching stops
and the output voltages start to drop at a rate dependent on
the standby current load. This causes the feedback voltage to
rise. Once it passes VBURH(500mV), switching resumes.
The feedback voltage then falls and the process repeats.
Burst mode operation alternately enables and disables
switching of the power Sense FET thereby reducing switch-
ing loss in Standby mode.
Figure 9. Burst Operation Function
7. Frequency Modulation : Modulating the switching fre-
quency of a switched power supply can reduce EMI. Fre-
quency modulation can reduce EMI by spreading the energy
over a wider frequency range than the bandwidth measured
by the EMI test equipment. The amount of EMI reduction is
directly related to the depth of the reference frequency. As
can be seen in Figure 10, the frequency changes from 97KHz
to 103KHz in 4ms for the FSDH321 (48.5KHz to 51.5KHz
for FSDL321). Frequency modulation allows the use of a
cost effective inductor instead of an AC input mode choke to
satisfy the requirements of world wide EMI limits.
Figure 10. Frequency Modulation Waveform
1ms
15steps
Current limit
0.4A
0.7A
t
Drain current
V
BURH
Switching
OFF
Current
Waveform
Burst
Operation
Normal
Operation
V
FB
V
BURL
Switching
OFF
Burst
Operation
3
Vcc
Vcc
I
DELAY
I
FB
R
2.5R
Vfb
VBURL/VBURH
PWM
+
-
VBURH
Vcc
I
BUR(pk)
Burst
Normal
MOSFET
Current
t
s
f
s=1/ts
100kHz
103kHz
97kHz
4ms
t
Drain
Current


Similar Part No. - FSDM0365RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDM0365RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com