Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDH321L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSDH321L
Description  Green Mode Fairchild Power Switch (FPS TM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDH321L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSDH321L Datasheet HTML 1Page - Fairchild Semiconductor FSDH321L Datasheet HTML 2Page - Fairchild Semiconductor FSDH321L Datasheet HTML 3Page - Fairchild Semiconductor FSDH321L Datasheet HTML 4Page - Fairchild Semiconductor FSDH321L Datasheet HTML 5Page - Fairchild Semiconductor FSDH321L Datasheet HTML 6Page - Fairchild Semiconductor FSDH321L Datasheet HTML 7Page - Fairchild Semiconductor FSDH321L Datasheet HTML 8Page - Fairchild Semiconductor FSDH321L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSDH321, FSDL321
5
Electrical Characteristics
(Ta = 25
°C unless otherwise specified)
Note:
1. Pulse test: Pulse width ≤ 300us, duty ≤ 2%
2. These parameters, although guaranteed, are tested in EDS (wafer test) process
3. These parameters, although guaranteed, are not 100% tested in production
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SENSE FET SECTION
Zero-Gate-Voltage Drain Current
IDSS
VDS=650V, VGS=0V
-
-
25
µA
VDS=520V, VGS=0V, TC=125°C
-
-
200
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.5A
-
14
19
Forward Trans-Conductance(1)
gfs
VDS=50V, ID=0.5A
1.0
1.3
-
S
Input Capacitance
CISS
VGS=0V, VDS=25V,
f=1MHz
-
162
-
pF
Output Capacitance
COSS
-18-
Reverse Transfer Capacitance
CRSS
-3.8
-
Turn-On Delay Time
td(on)
VDS=325V, ID=1.0A
-9.5
-
ns
Rise Time
tr
-19-
Turn-Off Delay Time
td(off)
-33-
Fall Time
tf
-
42
-
Total Gate Charge
Qg
VGS=10V, ID=1.0A,
VDS=325V
-7.0
-
nC
Gate-Source Charge
Qgs
-3.1
-
Gate-Drain (Miller) Charge
Qgd
-0.4
-
CONTROL SECTION
Switching Frequency
fOSC
FSDH321
90
100
110
KHz
Switching Frequency Modulation
∆fMOD
±2.5
±3.0
±3.5
KHz
Switching Frequency
fOSC
FSDL321
45
50
55
KHz
Switching Frequency Modulation
∆fMOD
±1.0
±1.5
±2.0
KHz
Switching Frequency Variation(2)
∆fOSC
-25
°C ≤ Ta ≤ 85°C
-
±5
±10
%
Maximum Duty Cycle
DMAX
FSDH321
62
67
72
%
FSDL321
71
77
83
%
UVLO Threshold Voltage
VSTART
VFB=GND
11
12
13
V
VSTOP
VFB=GND
7
8
9
V
Feedback Source Current
IFB
VFB=GND
0.7
0.9
1.1
mA
Internal Soft Start Time
tS/S
VFB=4V
10
15
20
ms
BURST MODE SECTION
Burst Mode Voltage
VBURH
Tj=25
°C
0.4
0.5
0.6
V
VBURL
0.25
0.35
0.45
V
VBUR(HYS) Hysteresis
-
150
-
mV
PROTECTION SECTION
Peak Current Limit
ILIM
Tj=25
°C, ∆i/∆t=250mA/us 0.60
0.70
0.80
A
Current Limit Delay Time(3)
tCLD
Tj=25
°C
-
600
-
ns
Thermal Shutdown Temperature(3)
TSD
125
145
-
°C
Shutdown Feedback Voltage
VSD
5.5
6.0
6.5
V
Over Voltage Protection
VOVP
18
19
20
V
Shutdown Delay Current
IDELAY
VFB=4V
3.5
5.0
6.5
µA
Leading Edge Blanking Time
tLEB
200
-
-
ns
TOTAL DEVICE SECTION
Operating Supply Current (control part only)
IOP
VCC=14V, VFB=0V
1
3
5
mA
Start-Up Charging Current
ICH
VCC=0V
0.7
0.85
1.0
mA
Vstr Supply Voltage
VSTR
VCC=0V
35
-
-
V


Similar Part No. - FSDH321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDH321L FAIRCHILD-FSDH321L Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH321L FAIRCHILD-FSDH321L Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH321L FAIRCHILD-FSDH321L Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDH321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311_06 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSCQ0565RT FAIRCHILD-FSCQ0565RT Datasheet
1Mb / 45P
   Green Mode Fairchild Power Switch (FPS TM)
FSQ211 FAIRCHILD-FSQ211 Datasheet
803Kb / 13P
   Green Mode Fairchild Power Switch (FPS TM)
FS7M0880 FAIRCHILD-FS7M0880 Datasheet
1Mb / 18P
   Fairchild Power Switch(FPS TM)
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com