Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5255DP-45XL Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M5255DP-45XL
Description  262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5255DP-45XL Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5255DP-45XL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5255DP-45XL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5255DP-45XL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5255DP-45XL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5255DP-45XL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5255DP-45XL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5255DP-45XL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI LSIs
262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5255DP,FP -45LL,-55LL,-70LL,
-45XL,-55XL,-70XL
'97.4.7
3
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE (Ta=0~70°C, Vcc=5V±10%, unless otherwise noted)
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
6
8
Typ
Min
Limits
VI=GND, VI=25mVrms, f=1MHz
VO=GND,VO=25mVrms, f=1MHz
Input capacitance
Output capacitance
CI
CO
DC ELECTRICAL CHARACTERISTICS (Ta=0~70°C, Vcc=5V±10%, unless otherwise noted)
Symbol
Parameter
V
V
V
Limits
Test conditions
Unit
V
uA
* -3.0V in case of AC ( Pulse width
≤ 30ns )
Note 0: Direction for current flowing into an IC is positive (no mark).
1: Typical value is one at Ta = 25°C.
2: CI, CO are periodically sampled and are not 100% tested.
mA
* -3.0V in case of AC ( Pulse width
≤ 30ns )
uA
uA
mA
V
Active supply current
(AC, MOS level )
Icc1
Icc2
Stand-by current
Icc4
VIH
High-level input voltage
VIL
Low-level input voltage
IO
Output current in off-state
Icc3
Stand-by current
VOH1
High-level output voltage 1
IOH=-1mA
VOH2
High-level output voltage 2
IOH=-0.1mA
VOL
Low-level output voltage
IOL=2mA
II
Input current
VI=0~Vcc
Vcc
+0.3
0.8
2.2
-0.3
2.4
3
0.4
50
35
20
5
Vcc
-0.5
±1
40
25
-LL
-XL
Max
Typ
Min
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Unit
V
V
V
mW
°C
Conditions
With respect to GND
Ta=25°C
700
0~70
-65~150
Ratings
Symbol
Vcc
VI
VO
Pd
Topr
Tstg
-0.3*~7.0
-0.3*~Vcc+0.3
0~Vcc
(Max 7.0)
/S1=VIH or S2=VIL,
other inputs=0~Vcc
S2
≤0.2V or
/S1
≥Vcc-0.2V,
S2
≥Vcc-0.2V
other inputs=0~Vcc
/S1=VIH or S2=VIL or /OE=VIH
VI/O=0~Vcc
45ns
70ns
45
30
55ns
mA
55
35
45
25
/S1=VIL,S2=VIH
other inputs=VIH or VIL
Output-open(duty 100%)
45ns
70ns
50
30
55ns
Active supply current
(AC, TTL level )
/S1
≤0.2V, S2>Vcc-0.2V
Other inputs<0.2V or >Vcc-0.2V
Output-open(duty 100%)
°C
±1


Similar Part No. - M5M5255DP-45XL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256-10 MITSUBISHI-M5M5256-10 Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-10L MITSUBISHI-M5M5256-10L Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-10LL MITSUBISHI-M5M5256-10LL Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-12 MITSUBISHI-M5M5256-12 Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-12L MITSUBISHI-M5M5256-12L Datasheet
311Kb / 5P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5255DP-45XL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPL-55V TOSHIBA-TC55257DPL-55V Datasheet
496Kb / 13P
   32,768-WORD BY 8-BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55VZM216A TOSHIBA-TC55VZM216A Datasheet
192Kb / 11P
   262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
   32,768 WORD-8 BIT STATIC RAM
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
   32,768 WORD X 8 BIT CMOS STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
   32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
   32,768 WORD x 8 BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
   32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55257DPL TOSHIBA-TC55257DPL Datasheet
504Kb / 13P
   32,768 WORD-8 BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com