Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP7000PZP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7000PZP
Description  TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP7000PZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TVP7000PZP Datasheet HTML 7Page - Texas Instruments TVP7000PZP Datasheet HTML 8Page - Texas Instruments TVP7000PZP Datasheet HTML 9Page - Texas Instruments TVP7000PZP Datasheet HTML 10Page - Texas Instruments TVP7000PZP Datasheet HTML 11Page - Texas Instruments TVP7000PZP Datasheet HTML 12Page - Texas Instruments TVP7000PZP Datasheet HTML 13Page - Texas Instruments TVP7000PZP Datasheet HTML 14Page - Texas Instruments TVP7000PZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
www.ti.com
COAST
HSYNC
Phase
Detector
PLL Control
Register 0x03
Bit [5:3]
PLL Control
Register 0x03
Bit [7:6]
Phase Select
Register 0x04
Bit [7:3]
Charge
Pump
VCO
Phase
Select
Divider
ADC
Sampling
CLK
External
Clock
PLL Divide
Register 0x01
and 0x02
Bit [11:0]
Loop
Filter
÷ N
N = 1 or 2
TVP7000
SLES143 – SEPTEMBER 2005
Analog PLL
The analog PLL generates a high-frequency internal clock used by the ADC sampling and data clocking out to
derive the pixel output frequency with programmable phase. The reference signal for this PLL is the horizontal
sync signal supplied on the HSYNC input or from extracted horizontal sync of sync slicer block for embedded
sync signals. The analog PLL consisted of phase detector, loop filter, voltage controlled oscillator (VCO), divider
and phase select. The analog block diagram is shown at Figure 3.
Figure 3. PLL Block Diagram
The COAST signal is used to allow the PLL to keep running at the same frequency, in the absence of the
incoming HSYNC signal or disordered HSYNC period. This is useful during the vertical sync period, or any other
time that the HSYNC is not available.
There are several PLL controls to produce the correct sampling clock. The 12-bit divider register is
programmable to select exact multiplication number to generate the pixel clock in the range of 12 MHz to 150
MHz. The 3-bit loop filter current control register is to control the charge pump current that drives the low-pass
loop filter. The applicable current values are listed in the Table 1.
The 2-bit VCO range control is to improve the noise performance of the TVP7000. The frequency ranges for the
VCO are shown in Table 1. The phase of the PLL generated clock can be programmed in 32 uniform steps over
a single clock period (360/32=11.25 degrees phase resolution) so that the sampling phase of the ADC can be
accurately controlled.
In addition to sourcing the ADC channel clock from the PLL, an external pixel clock can be used (from pin 80).
The PLL characteristics are determined by the loop filter design, by the PLL charge pump current, and by the
VCO range setting. The loop filter design is shown in Figure 4. Supported settings of VCO range and charge
pump current for VESA standard display modes are listed in Table 1.
11


Similar Part No. - TVP7000PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7000PZP TI1-TVP7000PZP Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
More results

Similar Description - TVP7000PZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP7000 TI1-TVP7000_17 Datasheet
364Kb / 39P
[Old version datasheet]   TRIPLE 8/10-BIT, 150/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7001 TI-TVP7001 Datasheet
391Kb / 32P
[Old version datasheet]   TRIPLE 8/10-BIT, 165/110 MSPS, VIDEO AND GRAPHICS DIGITIZER WITH ANALOG PLL
TVP7002 TI-TVP7002 Datasheet
618Kb / 52P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP7002 TI1-TVP7002_16 Datasheet
542Kb / 58P
[Old version datasheet]   TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
THS8083 TI1-THS8083 Datasheet
271Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8083T TI-THS8083T Datasheet
262Kb / 61P
[Old version datasheet]   Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8083A TI-THS8083A Datasheet
267Kb / 64P
[Old version datasheet]   TRIPLE 8 BIT 80 MSPS 3.3V VIDEO AND GRAPHICS
THS8083APZPG4 TI-THS8083APZPG4 Datasheet
306Kb / 63P
[Old version datasheet]   Triple 8-Bit, 80 MSPS 3.3-V Video and Graphics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com