Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBF110PFW1STES Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MBF110PFW1STES
Description  Solid-State Fingerprint Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBF110PFW1STES Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MBF110PFW1STES Datasheet HTML 6Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 7Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 8Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 9Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 10Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 11Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 12Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 13Page - Fujitsu Component Limited. MBF110PFW1STES Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Pr
eliminar
y
Solid-State Fingerprint Sensor
6
Fujitsu Microelectronics, Inc.
CAH (A3-A0 Address 0011) Write Only
High Order Column Address Register
Bit 0 of this register and CAL form the 9-bit ColumnAddress
Register that selects a cell from the current row for digitizing.
The user should wait until the row capture is completed before
writing to CAH.
MSB
LSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
R
T
–––––
CA8
Bit Number
Bit Name
Function
[7:1]
Reserved, write 0 to these bits.
0
CA8
MSB of Column Address Register
DTR (A3-A0 Address 0100) Write Only
Discharge Time Register
MSB
LSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
PD
T6
T5
T4
T3
T2
T1
T0
Bit Number
Bit Name
Function
7PD
Power down chip.
PD=0, Chip in Normal Mode
PD=1, Chip in Low Power Mode
[6:0]
T[6:0]
Selects the count to be loaded into the Discharge Timer. Discharge time is selected in increments of the
oscillator period. Discharge Time is defined as the period between the sampling and holding of the pre-charged
sensor cell to the sampling and holding of the discharging sensor cell. The Discharge Time can be calculated
from the following equation:
Discharge Time = T[6:0] * tOSC


Similar Part No. - MBF110PFW1STES

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
   Schottky Surface Mount Flat Bridge Rectifier
logo
Galaxy Semi-Conductor H...
MBF10J BILIN-MBF10J Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10K BILIN-MBF10K Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10M BILIN-MBF10M Datasheet
725Kb / 4P
   Silicon Bridge Rectifiers
MBF10N BILIN-MBF10N Datasheet
724Kb / 4P
   Silicon Bridge Rectifiers
More results

Similar Description - MBF110PFW1STES

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SEF-A1F1 MITSUMI-SEF-A1F1 Datasheet
61Kb / 2P
   Solid Optical Fingerprint Sensor
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
Mantra Softech India Pv...
MFS100 MANTRA-MFS100 Datasheet
506Kb / 2P
   OPTICAL FINGERPRINT SENSOR
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com