Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU26114 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU26114
Description  NJU26100 Series Hardware Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU26114 Datasheet(HTML) 2 Page - New Japan Radio

  NJU26114 Datasheet HTML 1Page - New Japan Radio NJU26114 Datasheet HTML 2Page - New Japan Radio NJU26114 Datasheet HTML 3Page - New Japan Radio NJU26114 Datasheet HTML 4Page - New Japan Radio NJU26114 Datasheet HTML 5Page - New Japan Radio NJU26114 Datasheet HTML 6Page - New Japan Radio NJU26114 Datasheet HTML 7Page - New Japan Radio NJU26114 Datasheet HTML 8Page - New Japan Radio NJU26114 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NJU26100 Series
- 2 -
Ver.2005-02-24
Pin Configuration
Pin Description
Pin Description
No.
Symbol
I/O
Description
No.
Symbol
I/O
Description
1
SDO2
O
Audio Data Output CH2
17
VDDC
--
Core Power Supply +2.5V
2
SDO1
O
Audio Data Output CH1
18
VDDC
--
Core Power Supply +2.5V
3
SDO0
O
Audio Data Output CH0
19
VSSC
--
Core GND
4
GPIO0
I/O
General Purpose IO
20
VSSC
--
Core GND
5
SCL/SCK
I
I2C Clock / Serial Clock
21
VDDR
--
I/O Power Supply +2.5V
6
SDA/SDOUT
I/O
I2C I/O / Serial Output
22
VDDR
--
I/O Power Supply +2.5V
7
AD1/SDIN
I
I2C Address / Serial Input
23
VSSR
--
I/O GND
8
AD2/SSb
I
I2C Address / Serial Enable
24
VSSR
--
I/O GND
9
VDDO
--
OSC Power Supply +2.5V
25
SDI0
I
Audio Data Input CH0
10
XI
I
X’tal Clock Input
26
SDI1
I
Audio Data Input CH1
11
XO
O
OSC Output
27
SDI2
I
Audio Data Input CH2
12
VSSO
--
OSC GND
28
LRI
I
LR Clock Input
13
RESETb
I
RESET (active Low)
29
BCKI
I
Bit Clock Input
14
VDDC
--
Core Power Supply +2.5V
30
MCK
O
Master Clock Output
15
VSSC
--
Core GND
31
BCKO
O
Bit Clock Output
16
GPIO1
I/O
General Purpose IO
32
LRO
O
LR Clock Output
*1 I : Input, O : Output, I/O : Bi-directional
*2 SDI0, SDI1, SDI2, SDO0, SDO1, SDO2, GPIO0, GPIO1 are different by any function. Refer to each datasheet.
NJU26100
Series
VDDO
XI
XO
VSSO
RESETb
VDDC
VSSC
GPIO1
SDI0
SDI1
SDI2
LRI
BCKI
MCK
BCKO
LRO


Similar Part No. - NJU26114

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
NJU26108 NJRC-NJU26108 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26108FR1 NJRC-NJU26108FR1 Datasheet
222Kb / 6P
   SRS CSII 5.1 AND TruSurround XT Decoder
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
More results

Similar Description - NJU26114

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
NXP Semiconductors
MPC853TEC NXP-MPC853TEC Datasheet
1Mb / 88P
   MPC853T Hardware Specification
Rev. 1, 12/2004
logo
Rohm
BP35C2 ROHM-BP35C2 Datasheet
547Kb / 19P
   BP35C2 Hardware Specification
2018-10-29 Revision 1.0.0
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com